Electronic Components Datasheet Search
  English  ▼

X  

LT5503 Datasheet(PDF) 3 Page - Linear Technology

Part # LT5503
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 3 Page - Linear Technology

  LT5503 Datasheet HTML 1Page - Linear Technology LT5503 Datasheet HTML 2Page - Linear Technology LT5503 Datasheet HTML 3Page - Linear Technology LT5503 Datasheet HTML 4Page - Linear Technology LT5503 Datasheet HTML 5Page - Linear Technology LT5503 Datasheet HTML 6Page - Linear Technology LT5503 Datasheet HTML 7Page - Linear Technology LT5503 Datasheet HTML 8Page - Linear Technology LT5503 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
LT5503
3
5503f
ELECTRICAL CHARACTERISTICS
VCC1 = 3VDC, 2.4GHz matching, MODEN = High, GC1 = GC2 = Low, TA = 25°C, MODRFIN = 2.45GHz at –16dBm, [I – IB] and [Q – QB] =
100kHz CW signal at 1VP-P differential, Q leads I by 90°, unless otherwise noted. (Test circuit shown in Figure 2.) (Note 3)
(I/Q Modulator)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Carrier Input (MODRFIN)
Frequency Range2
Requires Appropriate Matching
1.2 to 2.7
GHz
Input VSWR
ZO = 50Ω
1.3:1
Input Power
–20 to -10
dBm
Baseband Inputs (BI+, BI–, BQ+, BQ–)
Frequency Bandwidth (3dB)
120
MHz
Differential Input Voltage for 1dB Compressed Output
1
VP-P
DC Common-Mode Voltage
Internally Biased
1.4
VDC
Differential Input Resistance
18
k
Ω
Input Capacitance
0.8
pF
Gain Error
±0.2
dB
Phase Error
±1
DEG
Modulated RF Carrier Output (MODRFOUT)
Output Power, Max Gain
– 6
–3
dBm
Output VSWR
ZO = 50Ω
1.5:1
Image Suppression
– 26
–34
dBc
Carrier Suppression
– 24
–32
dBc
Output 1dB Compression
–3
dBm
Output 3rd Order Intercept
fI = 100kHz, fQ = 120kHz
2
dBm
Output 2rd Order Intercept
fI = 100kHz, fQ = 120kHz
16
dBm
Broadband Noise
20MHz Offset
–142
dBm/Hz
VGA Control Logic (GC2, GC1)
Switching Time
100
ns
Input Current
2
μA
Input Low Voltage
0.4
VDC
Input High Voltage
1.7
VDC
Output Power Attenuation
GC2 = Low, GC1 = High
4.5
dB
Output Power Attenuation
GC2 = High, GC1 = Low
9
dB
Output Power Attenuation
GC2 = High, GC1 = High
13.5
dB
Modulator Enable (MODEN) Low = Off, High = On
Turn ON/OFF Time
1
μs
Input Current
105
μA
Enable
VCC – 0.4
VDC
Disable
0.4
VDC
Modulator Power Supply Requirements
Supply Voltage
1.8
5.25
VDC
Modulator Supply Current
MODEN = High
29
38
mA
Modulator Shutdown Current
MODEN = Low
50
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com