Electronic Components Datasheet Search
  English  ▼

X  

LT5503 Datasheet(PDF) 4 Page - Linear Technology

Part # LT5503
Description  1.2GHz to 2.7GHz Direct IQ Modulator and Mixer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5503 Datasheet(HTML) 4 Page - Linear Technology

  LT5503 Datasheet HTML 1Page - Linear Technology LT5503 Datasheet HTML 2Page - Linear Technology LT5503 Datasheet HTML 3Page - Linear Technology LT5503 Datasheet HTML 4Page - Linear Technology LT5503 Datasheet HTML 5Page - Linear Technology LT5503 Datasheet HTML 6Page - Linear Technology LT5503 Datasheet HTML 7Page - Linear Technology LT5503 Datasheet HTML 8Page - Linear Technology LT5503 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LT5503
4
5503f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: External component values on the final test circuit shown in
Figure 2 are optimized for operation in the 2.4GHz to 2.5GHz band.
Note 3: Specifications over the –40
°C to 85°C temperature range are
assured by design, characterization and correlation with statistical process
controls.
ELECTRICAL CHARACTERISTICS
VCC2 = 3VDC, 2.4GHz matching, MIXEN = High, DMODE = Low (LO2 ÷ 2 mode), TA = 25°C, LO2IN = 750MHz at –18dBm, LO1IN =
2075MHz at –12dBm. MIXRFOUT measured at 2450MHz, unless otherwise noted. (Test circuit shown in Figure 2.) (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Mixer 2nd LO Input (LO2IN)
Frequency Range
Internally Matched
50 to 1000
MHz
Input VSWR
ZO = 50Ω
1.4:1
Input Power
–20 to –12
dBm
Mixer 1st LO Input (LO1IN)
Frequency Range2
Requires Appropriate Matching
1400 to 2400
MHz
Input VSWR
ZO = 50Ω
1.5:1
Input 3rd Order Intercept
–30dBm/Tone,
Δf = 200kHz
–12
dBm
Mixer RF Output (MIXRFOUT)
Frequency Range2
Requires Appropriate Matching
1700 to 2700
MHz
Output VSWR
ZO = 50Ω
1.5:1
Small-Signal Conversion Gain
PLO1 = –30dBm
5
dB
Output Power
–14.7
–12.7
dBm
LO1 Suppression
– 22
– 29
dBc
Output 1dB Compression
–15
dBm
Broadband Noise
20MHz Offset
–152
dBm/Hz
LO2 Divider Mode Control (DMODE) Low = fLO2 ÷ 2, High = fLO2 ÷ 1
Input Current
1
μA
Input Low Voltage (
÷2)
0.4
VDC
Input High Voltage (
÷1)
VCC – 0.4
VDC
Mixer Enable (MIXEN) Low = Off, High = On
Turn ON/OFF Time
1
μs
Input Current
130
μA
Enable
VCC – 0.4
VDC
Disable
0.4
VDC
Mixer Power Supply Requirements
Supply Voltage
1.8
5.25
VDC
Supply Current (
÷2 mode)
DMODE = Low, MIXEN = High
11.9
15.5
mA
Supply Current (
÷1 mode)
DMODE = High, MIXEN = High
10.8
mA
Shutdown Current
MIXEN = Low
10
μA
(Mixer)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com