Electronic Components Datasheet Search
  English  ▼

X  

EX128-CS100I Datasheet(PDF) 13 Page - Actel Corporation

Part # EX128-CS100I
Description  eX Family FPGAs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100I Datasheet(HTML) 13 Page - Actel Corporation

Back Button EX128-CS100I Datasheet HTML 9Page - Actel Corporation EX128-CS100I Datasheet HTML 10Page - Actel Corporation EX128-CS100I Datasheet HTML 11Page - Actel Corporation EX128-CS100I Datasheet HTML 12Page - Actel Corporation EX128-CS100I Datasheet HTML 13Page - Actel Corporation EX128-CS100I Datasheet HTML 14Page - Actel Corporation EX128-CS100I Datasheet HTML 15Page - Actel Corporation EX128-CS100I Datasheet HTML 16Page - Actel Corporation EX128-CS100I Datasheet HTML 17Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
eX Family FPGAs
v4.3
1-9
Boundary Scan Testing (BST)
All eX devices are IEEE 1149.1 compliant. eX devices offer
superior diagnostic and testing capabilities by providing
Boundary Scan Testing (BST) and probing capabilities.
These functions are controlled through the special test
pins (TMS, TDI, TCK, TDO and TRST). The functionality of
each pin is defined by two available modes: Dedicated
and Flexible, and is described in Table 1-4. In the
dedicated test mode, TCK, TDI, and TDO are dedicated
pins and cannot be used as regular I/Os. In flexible mode
(default mode), TMS should be set HIGH through a pull-
up resistor of 10 k
Ω. TMS can be pulled LOW to initiate
the test sequence.
Dedicated Test Mode
In Dedicated mode, all JTAG pins are reserved for BST;
designers cannot use them as regular I/Os. An internal
pull-up resistor is automatically enabled on both TMS
and TDI pins, and the TMS pin will function as defined in
the IEEE 1149.1 (JTAG) specification.
To select Dedicated mode, users need to reserve the JTAG
pins in Actel's Designer software by checking the
"Reserve JTAG" box in "Device Selection Wizard"
(Figure 1-12). JTAG pins comply with LVTTL/TTL I/O
specification regardless of whether they are used as a
user I/O or a JTAG I/O. Refer to the "3.3V LVTTL Electrical
Specifications" and "5.0V TTL Electrical Specifications"
on page 1-15 for detailed specifications.
Flexible Mode
In Flexible Mode, TDI, TCK and TDO may be used as
either user I/Os or as JTAG input pins. The internal
resistors on the TMS and TDI pins are disabled in flexible
JTAG mode, and an external 10 k
Ω pull-resistor to V
CCI is
required on the TMS pin.
To select the Flexible mode, users need to uncheck the
"Reserve JTAG" box in "Device Selection Wizard" in
Actel's Designer software. The functionality of TDI, TCK,
and TDO pins is controlled by the BST TAP controller. The
TAP controller receives two control inputs, TMS and TCK.
Upon power-up, the TAP controller enters the Test-Logic-
Reset state. In this state, TDI, TCK, and TDO function as
user I/Os. The TDI, TCK, and TDO pins are transformed
from user I/Os into BST pins when the TMS pin is LOW at
the first rising edge of TCK. The TDI, TCK, and TDO pins
return to user I/Os when TMS is held HIGH for at least
five TCK cycles.
Table 1-5
describes
the
different
configuration
requirements of BST pins and their functionality in
different modes.
TRST Pin
The TRST pin functions as a dedicated Boundary-Scan
Reset pin when the "Reserve JTAG Test Reset" option is
selected as shown in Figure 1-12. An internal pull-up
resistor is permanently enabled on the TRST pin in this
mode. It is recommended to connect this pin to GND in
normal operation to keep the JTAG state controller in
the Test-Logic-Reset state. When JTAG is being used, it
can be left floating or be driven HIGH.
When the "Reserve JTAG Test Reset" option is not
selected, this pin will function as a regular I/O. If unused
as an I/O in the design, it will be configured as a tristated
output.
Table 1-4 • Boundary Scan Pin Functionality
Dedicated Test Mode
Flexible Mode
TCK, TDI, TDO are dedicated
BST pins
TCK, TDI, TDO are flexible and
may be used as I/Os
No need for pull-up resistor for
TMS and TDI
Use a pull-up resistor of 10 k
Ω
on TMS
Figure 1-12 • Device Selection Wizard
Table 1-5 • Boundary-Scan Pin Configurations and
Functions
Mode
Designer
"Reserve JTAG"
Selection
TAP Controller
State
Dedicated (JTAG)
Checked
Any
Flexible (User I/O)
Unchecked
Test-Logic-Reset
Flexible (JTAG)
Unchecked
Any EXCEPT Test-
Logic-Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com