Electronic Components Datasheet Search
  English  ▼

X  

EX128-CS100I Datasheet(PDF) 45 Page - Actel Corporation

Part # EX128-CS100I
Description  eX Family FPGAs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100I Datasheet(HTML) 45 Page - Actel Corporation

Back Button EX128-CS100I Datasheet HTML 41Page - Actel Corporation EX128-CS100I Datasheet HTML 42Page - Actel Corporation EX128-CS100I Datasheet HTML 43Page - Actel Corporation EX128-CS100I Datasheet HTML 44Page - Actel Corporation EX128-CS100I Datasheet HTML 45Page - Actel Corporation EX128-CS100I Datasheet HTML 46Page - Actel Corporation EX128-CS100I Datasheet HTML 47Page - Actel Corporation EX128-CS100I Datasheet HTML 48Page - Actel Corporation EX128-CS100I Datasheet HTML 49Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
eX Family FPGAs
v4.3
3-1
Datasheet Information
List of Changes
The following table lists critical changes that were made in the current version of the document.
Previous version
Changes in current version (v4.3)
Page
v4.2
(June 2004)
The "Ordering Information" was updated with RoHS information. The TQFP measurement
was also updated.
ii
The "Dedicated Test Mode" was updated.
1-9
Note 5 was added to the "3.3V LVTTL Electrical Specifications" and "5.0V TTL Electrical
Specifications" tables
1-15
The "LP Low Power Pin" description was updated.
1-26
v4.1
The "eX Timing Model" was updated.
1-18
v4.0
The "Development Tool Support" section was updated.
1-12
The "Package Thermal Characteristics" section was updated.
1-17
v3.0
The "Product Profile" section was updated.
1-i
The "Ordering Information" section was updated.
1-ii
The "Temperature Grade Offerings" section is new.
1-ii
The "Speed Grade and Temperature Grade Matrix" section is new.
1-ii
The "General Description" section was updated.
1-1
The "Clock Resources" section was updated.
1-4
Table 1-1 • Connections of Routed Clock Networks, CLKA and CLKB is new.
1-4
The "User Security" section was updated.
1-5
The "I/O Modules" section was updated.
1-5
The "Hot Swapping" section was updated.
1-6
The "Power Requirements" section was updated.
1-6
The "Low Power Mode" section was updated.
1-6
The "Boundary Scan Testing (BST)" section was updated.
1-9
The "Dedicated Test Mode" section was updated.
1-9
The "Flexible Mode" section was updated.
1-9
Table 1-5 • Boundary-Scan Pin Configurations and Functions is new.
1-9
The "TRST Pin" section was updated.
1-9
The "Probing Capabilities" section is new.
1-10
The "Programming" section was updated.
1-10
The "Probing Capabilities" section was updated.
1-10
The "Silicon Explorer II Probe" section was updated.
1-10
The "Design Considerations" section was updated.
1-11
The "Development Tool Support" section was updated.
1-12
The "Absolute Maximum Ratings*" section was updated.
1-13
The "Temperature and Voltage Derating Factors" section was updated.
1-21
The "TDI, I/O Test Data Input" section was updated.
1-26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com