Electronic Components Datasheet Search
  English  ▼

X  

EX128-CS100A Datasheet(PDF) 19 Page - Actel Corporation

Part # EX128-CS100A
Description  eX Family FPGAs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100A Datasheet(HTML) 19 Page - Actel Corporation

Back Button EX128-CS100A Datasheet HTML 15Page - Actel Corporation EX128-CS100A Datasheet HTML 16Page - Actel Corporation EX128-CS100A Datasheet HTML 17Page - Actel Corporation EX128-CS100A Datasheet HTML 18Page - Actel Corporation EX128-CS100A Datasheet HTML 19Page - Actel Corporation EX128-CS100A Datasheet HTML 20Page - Actel Corporation EX128-CS100A Datasheet HTML 21Page - Actel Corporation EX128-CS100A Datasheet HTML 22Page - Actel Corporation EX128-CS100A Datasheet HTML 23Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
eX Family FPGAs
v4.3
1-15
3.3 V LVTTL Electrical Specifications
5.0 V TTL Electrical Specifications
Symbol
Parameter
Commercial
Industrial
Min.
Max.
Min.
Max.
Units
VOH
VCCI = MIN, VI = VIH or VIL
(IOH = –8 mA)
2.4
2.4
V
VOL
VCCI = MIN, VI = VIH or VIL
(IOL= 12 mA)
0.4
0.4
V
VIL
Input Low Voltage
0.8
0.8
V
VIH
Input High Voltage
2.0
VCCI +0.5
2.0
VCCI +0.5
V
IIL/ IIH
Input Leakage Current, VIN = VCCI or GND
–10
10
–10
10
µA
IOZ
3-State Output Leakage Current, VOUT = VCCI or GND
–10
10
–10
10
µA
tR, tF
1,2
Input Transition Time
10
10
ns
CIO
I/O Capacitance
10
10
pF
ICC
3,4
Standby Current
1.5
10
mA
IV Curve
Can be derived from the IBIS model at www.actel.com/custsup/models/ibis.html.
Notes:
1. tR is the transition time from 0.8 V to 2.0 V.
2. tF is the transition time from 2.0 V to 0.8 V.
3. ICC max Commercial –F = 5.0 mA
4. ICC = ICCI + ICCA
5. JTAG pins comply with LVTTL/TTL I/O specification regardless of whether they are used as a user I/O or a JTAG I/O.
Symbol
Parameter
Commercial
Industrial
Min.
Max.
Min.
Max.
Units
VOH
VCCI = MIN, VI = VIH or VIL
(IOH = –8 mA)
2.4
2.4
V
VOL
VCCI = MIN, VI = VIH or VIL
(IOL= 12 mA)
0.4
0.4
V
VIL
Input Low Voltage
0.8
0.8
V
VIH
Input High Voltage
2.0
VCCI +0.5
2.0
VCCI +0.5
V
IIL/ IIH
Input Leakage Current, VIN = VCCI or GND
–10
10
–10
10
µA
IOZ
3-State Output Leakage Current, VOUT = VCCI or GND
–1010–10
10
µA
tR, tF
1,2
Input Transition Time
10
10
ns
CIO
I/O Capacitance
10
10
pF
ICC
3,4
Standby Current
15
20
mA
IV Curve
Can be derived from the IBIS model at www.actel.com/custsup/models/ibis.html.
Note:
1. tR is the transition time from 0.8 V to 2.0 V.
2. tF is the transition time from 2.0 V to 0.8 V.
3. ICC max Commercial –F=20mA
4. ICC = ICCI + ICCA
5. JTAG pins comply with LVTTL/TTL I/O specification regardless of whether they are used as a user I/O or a JTAG I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com