Electronic Components Datasheet Search
  English  ▼

X  

EX128-CS100A Datasheet(PDF) 20 Page - Actel Corporation

Part # EX128-CS100A
Description  eX Family FPGAs
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EX128-CS100A Datasheet(HTML) 20 Page - Actel Corporation

Back Button EX128-CS100A Datasheet HTML 16Page - Actel Corporation EX128-CS100A Datasheet HTML 17Page - Actel Corporation EX128-CS100A Datasheet HTML 18Page - Actel Corporation EX128-CS100A Datasheet HTML 19Page - Actel Corporation EX128-CS100A Datasheet HTML 20Page - Actel Corporation EX128-CS100A Datasheet HTML 21Page - Actel Corporation EX128-CS100A Datasheet HTML 22Page - Actel Corporation EX128-CS100A Datasheet HTML 23Page - Actel Corporation EX128-CS100A Datasheet HTML 24Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
eX Family FPGAs
1- 16
v4.3
Power Dissipation
Power consumption for eX devices can be divided into
two components: static and dynamic.
Static Power Component
The power due to standby current is typically a small
component of the overall power. Typical standby current
for eX devices is listed in the Table 1-11 on page 1-13. For
example, the typical static power for eX128 at 3.3 V VCCI
is:
ICC * VCCA = 795 µA x 2.5 V = 1.99 mW
Dynamic Power Component
Power dissipation in CMOS devices is usually dominated
by the dynamic power dissipation. This component is
frequency-dependent and a function of the logic and the
external I/O. Dynamic power dissipation results from
charging internal chip capacitance due to PC board
traces and load device inputs. An additional component
of the dynamic power dissipation is the totem pole
current in the CMOS transistor pairs. The net effect can
be associated with an equivalent capacitance that can be
combined with frequency and voltage to represent
dynamic power dissipation.
Dynamic power dissipation = CEQ * VCCA
2 x F
where:
Equivalent capacitance is calculated by measuring ICCA at
a specified frequency and voltage for each circuit
component of interest. Measurements have been made
over a range of frequencies at a fixed value of VCC.
Equivalent capacitance is frequency-independent, so the
results can be used over a wide range of operating
conditions. Equivalent capacitance values are shown
below.
CEQ Values for eX Devices
The variable and fixed capacitance of other device
components must also be taken into account when
estimating the dynamic power dissipation.
Table 1-12
shows
the
capacitance
of
the
clock
components of eX devices.
The estimation of the dynamic power dissipation is a
piece-wise linear summation of the power dissipation of
each component.
Dynamic power dissipation
= VCCA
2 * [(m
c * Ceqcm * fmC)Comb Modules + (ms * Ceqsm *
fmS)Seq Modules + (n * Ceqi * fn)Input Buffers + (0.5 * (q1 *
Ceqcr * fq1) + (r1 * fq1))RCLKA + (0.5 * (q2 * Ceqcr * fq2) +
(r2 * fq2))RCLKB + (0.5 * (s1 * Ceqhv * fs1)+(Ceqhf *
fs1))HCLK] + VCCI
2 * [(p * (C
eqo + CL) * fp)Output Buffers]
where:
CEQ = Equivalent capacitance
F
= switching frequency
Combinatorial modules (Ceqcm) 1.70 pF
Sequential modules (Ceqsm)
1.70 pF
Input buffers (Ceqi)
1.30 pF
Output buffers (Ceqo)
7.40 pF
Routed array clocks (Ceqcr)
1.05 pF
Table 1-12 • Capacitance of Clock Components of eX
Devices
eX64
eX128
eX256
Dedicated
array
clock
–
variable (Ceqhv)
0.85 pF
0.85 pF
0.85 pF
Dedicated array clock – fixed
(Ceqhf)
18.00 pF
20.00 pF
25.00 pF
Routed array clock A (r1)
23.00 pF
28.00 pF
35.00 pF
Routed array clock B (r2)
23.00 pF
28.00 pF
35.00 pF
mc
= Number of combinatorial cells switching at
frequency fm, typically 20% of C-cells
ms
= Number of sequential cells switching at
frequency fm, typically 20% of R-cells
n
= Number
of
input
buffers
switching
at
frequency fn, typically number of inputs / 4
p
= Number of output buffers switching at
frequency fp, typically number of outputs / 4
q1
= Number of R-cells driven by routed array
clock A
q2
= Number of R-cells driven by routed array
clock B
r1
= Fixed capacitance due to routed array clock A
r2
= Fixed capacitance due to routed array clock B
s1
= Number of R-cells driven by dedicated array
clock
Ceqcm =
Equivalent capacitance of combinatorial
modules



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com