Electronic Components Datasheet Search
  English  ▼

X  

LT5570 Datasheet(PDF) 9 Page - Linear Technology

Part # LT5570
Description  Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5570 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT5570 Datasheet HTML 5Page - Linear Technology LT5570 Datasheet HTML 6Page - Linear Technology LT5570 Datasheet HTML 7Page - Linear Technology LT5570 Datasheet HTML 8Page - Linear Technology LT5570 Datasheet HTML 9Page - Linear Technology LT5570 Datasheet HTML 10Page - Linear Technology LT5570 Datasheet HTML 11Page - Linear Technology LT5570 Datasheet HTML 12Page - Linear Technology LT5570 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT5570
9
5570f
TEST CIRCUITS
1
2
1
5
3
2
4
4
5
3
10
9
7
6
8
VCC
IN+
IN–
GND
FLTR
EN
DNC
OUT
DNC
DEC
RF
INPUT
C1
22nF
5V
ENABLE
OUT
NC
NC
1:4
T1
L1
J1
5570 F01
C6
(OPT)
LT5570
EXPOSED PAD
C2
1nF
C7
C3
1 F
R1
100k
C4
1nF
Figure 1. Test Schematic for 880MHz, 2140MHz and 2700MHz Applications
Figure 2. Top Side of Evaluation Board for 880MHz, 2140MHz and 2700MHz Applications
REF DES
VALUE
SIZE
PART NUMBER
C2, C4
1nF
0402
AVX 0402ZC102KAT
C1
22nF
0402
AVX 0402YC223KAT
C3
1μF
0603
Taiyo Yuden LMK107BJ105MA
R1
100k
0402
CRCW0402100KFKED
FREQUENCY
T1
L1
L1 P/N
C7
880MHz
MURATA LDB21869M20C-001
8.2nH
TOKO LL1005-FH8N25
2.7pF
MURATA GRM1555C1H2R7DZ01
2140MHz
MURATA LDB212G1020-001
3.3nH
TOKO LL1005-FH3N35
0.5pF
MURATA GRM1555C1HR50CZ01
2700MHz
MURATA LDB212G4020-001
1.2nH
TOKO LL1005-FH1N25
1pF
MURATA GRM1555C1H1R0DZ01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com