Electronic Components Datasheet Search
  English  ▼

X  

LT5570 Datasheet(PDF) 13 Page - Linear Technology

Part # LT5570
Description  Fast Responding, 40MHz to 2.7GHz Mean-Squared Power Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5570 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT5570 Datasheet HTML 8Page - Linear Technology LT5570 Datasheet HTML 9Page - Linear Technology LT5570 Datasheet HTML 10Page - Linear Technology LT5570 Datasheet HTML 11Page - Linear Technology LT5570 Datasheet HTML 12Page - Linear Technology LT5570 Datasheet HTML 13Page - Linear Technology LT5570 Datasheet HTML 14Page - Linear Technology LT5570 Datasheet HTML 15Page - Linear Technology LT5570 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT5570
13
5570f
The high performance RF circuits inside the LT5570 enable
it to handle output ripple as high as 2dB without losing its
power detection accuracy. The ripple can be further reduced
for optimal transient time with an additional RC lowpass
filter at the output as discussed in the next section.
Output Interface
The output buffer amplifier of the LT5570 is shown in
Figure 9. This push-pull buffer amplifier can source 5mA
current to the load and sink 2.5mA current from the load.
The output impedance is determined primarily by the 100Ω
series resistor connected to the buffer amplifier. This will
prevent any over-stress on the internal devices in case the
output is shorted to ground.
The –3dB bandwidth of the buffer amplifier is about
2.4MHz and the full-scale rise/fall time can be as fast as
175ns. When the output is resistively terminated or open,
the fastest output transient response is achieved when a
large signal is applied to the RF input port. The total rise
time of the LT5570 is about 0.5μs and the total fall time
is 8μs, respectively, for full-scale pulsed RF input power.
The speed of the output transient response is dictated
mainly by the filtering capacitor C1 (at least 22nF) at the
FLTR pin. See the detailed output transient response in
the Typical Performance Characteristics section. When the
RF input has AM content, residual ripple may be present
at the output depending upon the low frequency content
of the modulated RF signal. For example, when 4-carrier
WCDMA is applied at the RF input, ±36mVRMS (about
±1dB) ripple is present at the output. This ripple can be
reduced with a larger filtering capacitor C1 at the expense
of a slower transient response.
APPLICATIONS INFORMATION
Figure 9. Simplified Circuit Schematic of the Output Interface
100
RSS
OUT
INPUT
VCC
50μA
VOUT
CLOAD
3566 F09
LT5570
Figure 8. Output DC Voltage Variation and
Residual Ripple vs AM Modulation Frequency
AM MODULATION FREQUENCY (MHz)
C1 = 22nF
0.01
4
5
6
10
5570 F08
3
2
0
0.1
1
1
8
7
–1
–2
–3
1
0
OUTPUT AC RIPPLE
DC VOLTAGE VARIATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com