Electronic Components Datasheet Search
  English  ▼

X  

LT5571 Datasheet(PDF) 7 Page - Linear Technology

Part # LT5571
Description  620MHz - 1100MHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5571 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT5571 Datasheet HTML 3Page - Linear Technology LT5571 Datasheet HTML 4Page - Linear Technology LT5571 Datasheet HTML 5Page - Linear Technology LT5571 Datasheet HTML 6Page - Linear Technology LT5571 Datasheet HTML 7Page - Linear Technology LT5571 Datasheet HTML 8Page - Linear Technology LT5571 Datasheet HTML 9Page - Linear Technology LT5571 Datasheet HTML 10Page - Linear Technology LT5571 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT5571
7
5571f
TEMPERATURE (
°C)
–90
–70
–80
–40
5571 G29
–50
–60
–40
60
80
–20
0
40
20
LO FEEDTHROUGH
IMAGE REJECTION
CALIBRATED WITH PRF = 0dBm
fBBI = 2MHz, 0°
fBBQ = 2MHz, 90° + ϕCAL
IMAGE REJECTION (dBc)
25
20
15
10
5
0
5571 G28
–40
°C
25
°C
85
°C
<–60
–56
–52
–36
–48
–44
–40
VBB = 400mVP-P
TYPICAL PERFORMANCE CHARACTERISTICS
Image Rejection Distribution
LO Feedthrough and Image
Rejection vs Temperature After
Calibration at 25°C
VCC = 5V, EN = High, TA = 25°C, fLO = 900MHz,
fRF = 902MHz, PLO = 0dBm. BBPI, BBMI, BBPQ, BBMQ CM input voltage = 0.5VDC, Baseband Input Frequency fBB = 2MHz, I & Q 90°
shifted, without image or LO feedthrough nulling. fRF = fBB + fLO (upper sideband selection). PRF(OUT) = –10dBm (–10dBm/tone for 2-
tone measurements), unless otherwise noted. (Note 3)
PIN FUNCTIONS
EN (Pin 1): Enable Input. When the Enable pin voltage is
higher than 1V, the IC is turned on. When the Enable volt-
age is less than 0.5V or if the pin is disconnected, the IC
is turned off. The voltage on the Enable pin should never
exceed VCC by more than 0.5V, in order to avoid possible
damage to the chip.
GND (Pins 2, 4, 6, 9, 10, 12, 15, 17): Ground. Pins 6, 9,
15 and the Exposed Pad 17 are connected to each other
internally. Pins 2 and 4 are connected to each other inter-
nally and function as the ground return for the LO signal.
Pins 10 and 12 are connected to each other internally and
function as the ground return for the on-chip RF balun. For
best RF performance, Pins 2, 4, 6, 9, 10, 12, 15 and the
Exposed Pad, Pin 17, should be connected to the printed
circuit board ground plane.
LO (Pin 3): LO Input. The LO input is an AC-coupled single-
ended input with approximately 50Ω input impedance at
RF frequencies. Externally applied DC voltage should be
within the range –0.5V to (VCC + 0.5V) in order to avoid
turning on ESD protection diodes.
BBPQ, BBMQ (Pins 7, 5): Baseband inputs for the Q-chan-
nel with about 90kΩ differential input impedance. These
pins should be externally biased at about 0.5V. Applied
common mode voltage must stay below 0.6V.
VCC(Pins8,13):PowerSupply.Pins8and13areconnected
to each other internally. 0.1µF capacitors are recommended
for decoupling to ground on each of these pins.
RF (Pin 11): RF Output. The RF output is an AC-coupled
single-ended output with approximately 50Ω output im-
pedance at RF frequencies. Externally applied DC voltage
should be within the range –0.5V to (VCC + 0.5V) in order
to avoid turning on ESD protection diodes.
BBPI, BBMI (Pins 14, 16): Baseband inputs for the I-chan-
nel with about 90kΩ differential input impedance. These
pins should be externally biased at about 0.5V. Applied
common mode voltage must stay below 0.6V.
Exposed Pad (Pin 17): Ground. The Exposed Pad must
be soldered to the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com