Electronic Components Datasheet Search
  English  ▼

X  

LT5571 Datasheet(PDF) 1 Page - Linear Technology

Part # LT5571
Description  620MHz - 1100MHz High Linearity Direct Quadrature Modulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT5571 Datasheet(HTML) 1 Page - Linear Technology

  LT5571 Datasheet HTML 1Page - Linear Technology LT5571 Datasheet HTML 2Page - Linear Technology LT5571 Datasheet HTML 3Page - Linear Technology LT5571 Datasheet HTML 4Page - Linear Technology LT5571 Datasheet HTML 5Page - Linear Technology LT5571 Datasheet HTML 6Page - Linear Technology LT5571 Datasheet HTML 7Page - Linear Technology LT5571 Datasheet HTML 8Page - Linear Technology LT5571 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT5571
1
5571f
RF OUTPUT POWER PER CARRIER (dBm)
–30
–70
–60
–10
5571 TA01b
–80
–90
–25
–20
–15
0
–5
–40
–50
–140
–130
–150
–160
–110
–120
DOWNLINK TEST
MODEL 64 DPCH
3-CH ACPR
1-CH
ACPR
3-CH AltCPR
1-CH AltCPR
3-CH NOISE
1-CH NOISE
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
620MHz – 1100MHz High
Linearity Direct Quadrature
Modulator
The LT®5571 is a direct I/Q modulator designed for high
performance wireless applications, including wireless
infrastructure. It allows direct modulation of an RF signal
using differential baseband I and Q signals. It supports
RFID, GSM, EDGE, CDMA, CDMA2000, and other systems.
It may also be configured as an image reject upconvert-
ing mixer by applying 90° phase-shifted signals to the I
and Q inputs. The high impedance I/Q baseband inputs
consist of voltage-to-current converters that in turn drive
double-balanced mixers. The outputs of these mixers are
summed and applied to an on-chip RF transformer, which
converts the differential mixer signals to a 50Ω single-
ended output. The four balanced I and Q baseband input
ports are intended for DC-coupling from a source with a
common-mode voltage at about 0.5V. The LO path consists
of an LO buffer with single-ended input, and precision
quadrature generators that produce the LO drive for the
mixers. The supply voltage range is 4.5V to 5.25V.
Direct Conversion Transmitter Application
■
Direct Conversion from Baseband to RF
■
High Output: –4.2dB Conversion Gain
■
High OIP3: 21.7dBm at 900MHz
■
Low Output Noise Floor at 20MHz Offset:
No RF: –159dBm/Hz
POUT = 4dBm: –153.3dBm/Hz
■
Low Carrier Leakage: –42dBm at 900MHz
■
High Image Rejection: –53dBc at 900MHz
■
3-Ch CDMA2000 ACPR: –70.4dBc at 900MHz
■
Integrated LO Buffer and LO Quadrature Phase
Generator
■
50Ω AC-Coupled Single-Ended LO and RF Ports
■
High Impedance DC Interface to Baseband Inputs
with 0.5V Common Mode Voltage
■
16-Lead QFN 4mm × 4mm Package
■
RFID Interrogators
■
GSM, CDMA, CDMA2000 Transmitters
■
Point-to-Point Wireless Infrastructure Tx
■
Image Reject Up-Converters for Cellular Bands
■
Low-Noise Variable Phase-Shifter for 620MHz to
1100MHz Local Oscillator Signals
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
CDMA2000 ACPR, AltCPR and Noise vs RF
Output Power at 900MHz for 1 and 3 Carriers
VCO/SYNTHESIZER
EN
I-CH
Q-CH
BALUN
VCC
V-I
BASEBAND
GENERATOR
V-I
LT5571
5V
5571 TA01a
PA
RF = 620MHz
TO 1100MHz
I-DAC
Q-DAC
90
°
0
°
100nF
×2


Similar Part No. - LT5571

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5571 LINER-LT5571 Datasheet
685Kb / 30P
200MHz to 6000MHz Quadrature Modulator with Ultrahigh OIP3
LT5571 LINER-LT5571_15 Datasheet
325Kb / 16P
620MHz ??1100MHz High Linearity Direct Quadrature Modulator
More results

Similar Description - LT5571

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT5518 LINER-LT5518 Datasheet
373Kb / 16P
1.5GHz - 2.4GHz High Linearity Direct Quadrature Modulator
LT5528 LINER-LT5528 Datasheet
313Kb / 16P
1.5GHz to 2.4GHz High Linearity Direct Quadrature Modulator
LT5558 LINER-LT5558 Datasheet
319Kb / 16P
600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5572 LINER-LT5572 Datasheet
326Kb / 16P
1.5GHz to 2.5GHz High Linearity Direct Quadrature Modulator
LTC5598 LINER-LTC5598 Datasheet
289Kb / 16P
5MHz to 1600MHz High Linearity Direct Quadrature Modulator
LT5568-2 LINER-LT5568-2_15 Datasheet
313Kb / 16P
GSM/EDGE Optimized, High Linearity Direct Quadrature Modulator
LT5568 LINER-LT5568_15 Datasheet
334Kb / 16P
700MHz ??1050MHz High Linearity Direct Quadrature Modulator
LT5518 LINER-LT5518_15 Datasheet
383Kb / 16P
1.5GHz??.4GHz High Linearity Direct Quadrature Modulator
LT5558 LINER-LT5558_15 Datasheet
325Kb / 16P
600MHz to 1100MHz High Linearity Direct Quadrature Modulator
LT5571 LINER-LT5571_15 Datasheet
325Kb / 16P
620MHz ??1100MHz High Linearity Direct Quadrature Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com