Electronic Components Datasheet Search
  English  ▼

X  

LT6557 Datasheet(PDF) 7 Page - Linear Technology

Part # LT6557
Description  500MHz, 2200V/關s Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6557 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT6557 Datasheet HTML 3Page - Linear Technology LT6557 Datasheet HTML 4Page - Linear Technology LT6557 Datasheet HTML 5Page - Linear Technology LT6557 Datasheet HTML 6Page - Linear Technology LT6557 Datasheet HTML 7Page - Linear Technology LT6557 Datasheet HTML 8Page - Linear Technology LT6557 Datasheet HTML 9Page - Linear Technology LT6557 Datasheet HTML 10Page - Linear Technology LT6557 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LT6557
7
6557fa
Overdriven Output Recovery
Enable/Disable Response
Large-Signal Transient Response
EN (Pin 1): Enable Control Pin. The part is enabled when
this pin is pulled low. An internal pull-up resistor of 40k
will turn the part off if this pin is unconnected.
GND (Pin 2): Ground Reference for Enable Pin (Pin 1)
and Bias Control Voltage Pin (Pin 16). This pin must be
connected externally to ground.
IN R (Pin 3): Red Channel Input. This pin has a nominal
impedance of 200kΩ with input bias circuit inactive,
Pin 16 open.
GND R (Pin 4): Ground of Red Channel Amplifier. This pin
is not internally connected to other ground pins and must
be connected externally to ground.
IN G (Pin 5): Green Channel Input. This pin has a nomi-
nal impedance of 200kΩ with input bias circuit inactive,
Pin 16 open.
GND G (Pin 6): Ground of Green Channel Amplifier. This
pin is not internally connected to other ground pins and
must be connected externally to ground.
IN B (Pin 7): Blue Channel Input. This pin has a nominal
impedance of 200kΩ with input bias circuit inactive,
Pin 16 open.
GND B (Pin 8): Ground of Blue Channel Amplifier. This
pin is not internally connected to other ground pins and
must be connected externally to ground.
TYPICAL PERFORMANCE CHARACTERISTICS
TIME (ns)
0
3
4
5
200
6557 G28
2
1
0
25 50 75 100 125 150 175
225 250
VIN
VOUT
VS = 5V
VIN = 2.4VP-P
RL = 1509
TIME (
ms)
0
0
–1
1
3
4
5
0.2
1.0
1.4
6557 G29
2
6
0.8
1.8
2.2
2.0
0.4 0.6
1.2
1.6
VEN(DISABLE)
VEN(ENABLE)
VOUT
VS = 5V
VOUT = 2VP-P
AC COUPLED
RL = 150W
Small-Signal Transient Response
TIME (ns)
0
2.60
24
6557 G31
2.45
48
12
16
20
2
610
14
18
22
2.65
VS = 5V
VIN = 50mVP-P
RL = 1509
2.55
2.50
PIN FUNCTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com