Electronic Components Datasheet Search
  English  ▼

X  

LT6557 Datasheet(PDF) 12 Page - Linear Technology

Part # LT6557
Description  500MHz, 2200V/關s Gain of 2, Single Supply Triple Video Amplifi er with Input Bias Control
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6557 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT6557 Datasheet HTML 4Page - Linear Technology LT6557 Datasheet HTML 5Page - Linear Technology LT6557 Datasheet HTML 6Page - Linear Technology LT6557 Datasheet HTML 7Page - Linear Technology LT6557 Datasheet HTML 8Page - Linear Technology LT6557 Datasheet HTML 9Page - Linear Technology LT6557 Datasheet HTML 10Page - Linear Technology LT6557 Datasheet HTML 11Page - Linear Technology LT6557 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
LT6557
12
6557fa
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2006
LT/LWI 0606 • REV A • PRINTED IN USA
Split Supply Operation with DC Bias Servo
TYPICAL APPLICATION
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LT1399
300MHz Triple Current Feedback Amplifier
0.1dB Gain Flatness to 150MHz, Shutdown
LT1675
250MHz Triple RGB Multiplexer
100MHz Pixel Switching, 1100V/µs Slew Rate, 16-Lead SSOP
LT6550/LT6551
3.3V Triple and Quad Video Buffers
110MHz Gain of 2 Buffers in MS Package
LT6553
650MHz Gain of 2 Triple Video Amplifier
Optimized for Driving 75Ω Cables
LT6554
650MHz Gain of 1 Triple Video Amplifier
Performance Similar to the LT6553 with AV = 1, 16-Lead SSOP
LT6555
650MHz Gain of 2 Triple Video Multiplexer
Optimized for Driving 75Ω Cables
LT6556
750MHz Gain of 1 Triple Video Multiplexer
High Slew Rate 2100V/µs
LT6558
550MHz, 2200V/µs Gain of 1 Triple Video Amplifier
Single Supply with Input Bias Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com