Electronic Components Datasheet Search
  English  ▼

X  

LT6559 Datasheet(PDF) 13 Page - Linear Technology

Part # LT6559
Description  Low Cost 5V/짹5V 300MHz Triple Video Amplifi er in 3mm 횞 3mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6559 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT6559 Datasheet HTML 8Page - Linear Technology LT6559 Datasheet HTML 9Page - Linear Technology LT6559 Datasheet HTML 10Page - Linear Technology LT6559 Datasheet HTML 11Page - Linear Technology LT6559 Datasheet HTML 12Page - Linear Technology LT6559 Datasheet HTML 13Page - Linear Technology LT6559 Datasheet HTML 14Page - Linear Technology LT6559 Datasheet HTML 15Page - Linear Technology LT6559 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT6559
13
6559f
TYPICAL APPLICATIONS
Application (Demo) Boards
The DC1063A demo board has been created for evaluating
the LT6559 and is available directly from Linear Technol-
ogy. It has been designed as an RGB video buffer/cable
driver, using standard VGA 15-pin D-Sub (HD-15) con-
nectors for input and output signals. All sync signals are
also passed directly from the input to the output, so the
LT6559’s performance can be determined by applying a
5V supply to the DC1063A demo board and then inserting
the board between a computer’s analog video output and
a monitor. Schematics for the DC1063A demo board can
be found on the back page of this datasheet.
As seen in the DC1063A schematic, each amplifier is con-
figured in a gain of 2, with a 75Ω back-termination resulting
in a final gain of 1. Each input is properly terminated for
75Ω input impedance with AC coupling capacitors at each
input and output. Additionally, for proper operation, the
positive input of each amplifier is biased to mid-supply
with a high impedance resistor divider.
As seen below, the DC1063A is a 2-sided board.
6559 F10
Figure 9. DC1063A Component Locator
Figure 10. DC1063A Top Side
Figure 11. DC1063A Bottom Side
6559 F11
6559 F09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com