Electronic Components Datasheet Search
  English  ▼

X  

LT6559 Datasheet(PDF) 4 Page - Linear Technology

Part # LT6559
Description  Low Cost 5V/짹5V 300MHz Triple Video Amplifi er in 3mm 횞 3mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6559 Datasheet(HTML) 4 Page - Linear Technology

  LT6559 Datasheet HTML 1Page - Linear Technology LT6559 Datasheet HTML 2Page - Linear Technology LT6559 Datasheet HTML 3Page - Linear Technology LT6559 Datasheet HTML 4Page - Linear Technology LT6559 Datasheet HTML 5Page - Linear Technology LT6559 Datasheet HTML 6Page - Linear Technology LT6559 Datasheet HTML 7Page - Linear Technology LT6559 Datasheet HTML 8Page - Linear Technology LT6559 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT6559
4
6559f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This parameter is guaranteed to meet specified performance
through design and characterization. It has not been tested.
Note 3: A heat sink may be required depending on the power supply
voltage and how many amplifiers have their outputs short circuited.
Note 4: The LT6559 is guaranteed to meet specified performance from 0°C
to 70°C and is designed, characterized and expected to meet these extended
temperature limits, but is not tested or QA sampled at –40°C and 85°C.
Note 5: TJ is calculated from the ambient temperature TA and the power
dissipation PD according to the following formula: TJ = TA + (PD • 68°C/W)
Note 6: At ±5V, slew rate is measured at ±2V on a ±3V output signal. At 5V,
slew rate is measured from 2V to 3V on a 1.5V to 3.5V output signal. Slew
rate is 100% production tested at ±5V for both the rising and falling edge
of the B channel. The slew rate of the R and G channels is guaranteed
through design and characterization.
Note 7: Turn-on delay time (tON) is measured from control input to
appearance of 1V at the output, for VIN = 1V. Likewise, turn-off delay
time (tOFF) is measured from control input to appearance of 0.5V on the
output for VIN = 0.5V. This specification is guaranteed by design and
characterization.
Note 8: Differential gain and phase are measured using a Tektronix
TSG120YC/NTSC signal generator and a Tektronix 1780R Video
Measurement Set. The resolution of this equipment is 0.1% and 0.1°. Ten
identical amplifier stages were cascaded giving an effective resolution of
0.01% and 0.01°.
Note 9: The LT6559 is guaranteed functional over the operating
temperature range of –40°C to 85°C.
TYPICAL AC PERFORMANCE
VS (V)
AV
RL (Ω)RF (Ω)RG (Ω)
SMALL SIGNAL
–3dB BW (MHz)
SMALL SIGNAL
0.1dB BW (MHz)
SMALL SIGNAL
PEAKING (dB)
±5, 5
1
150
365
-
300
150
0.05
±5, 5
2
150
301
301
300
150
0
±5, 5
–1
150
301
301
300
150
0
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUTL
Maximum Output Voltage Swing, Low
RL = 100k
–4.2
–4.0
V
VOUTH
Maximum Output Voltage Swing, High
RL = 150Ω
RL = 150Ω
●
3.4
3.2
3.6
V
V
VOUTL
Maximum Output Voltage Swing, Low
RL = 150Ω
RL = 150Ω
●
–3.6
–3.4
–3.2
V
V
CMRR
Common Mode Rejection Ratio
VCM = ±3.5V
42
52
dB
PSRR
Power Supply Rejection Ratio
VS = ±2V to ±5V, ⎯E⎯N = V
–
56
70
dB
ROL
Transimpedance, ΔVOUT/ΔIIN
–
VOUT = ±2V, RL = 150Ω
40
100
kΩ
IOUT
Maximum Output Current
RL = 0Ω
100
mA
IS
Supply Current per Amplifier
VOUT = 0V
●
4.6
6.5
mA
Disable Supply Current per Amplifier
⎯E⎯N Pin Voltage = 4.5V, RL = 150Ω
●
0.1
100
µA
I⎯E⎯N
Enable Pin Current
30
µA
SR
Slew Rate (Note 6)
AV = 10, RL = 150Ω
500
800
V/µs
tON
Turn-On Delay Time (Note 7)
RF = RG = 301Ω, RL = 150Ω
30
75
ns
tOFF
Turn-Off Delay Time (Note 7)
RF = RG = 301Ω, RL = 150Ω
40
100
ns
tr, tf
Small-Signal Rise and Fall Time
RF = RG = 301Ω, RL = 150Ω, VOUT = 1VP-P
1.3
ns
tPD
Propagation Delay
RF = RG = 301Ω, RL = 150Ω, VOUT = 1VP-P
2.5
ns
os
Small-Signal Overshoot
RF = RG = 301Ω, RL = 150Ω, VOUT = 1VP-P
10
%
tS
Settling Time
0.1%, AV = –1, RF = RG = 301Ω, RL = 150Ω
25
ns
dG
Differential Gain (Note 8)
RF = RG = 301Ω, RL = 150Ω
0.13
%
dP
Differential Phase (Note 8)
RF = RG = 301Ω, RL = 150Ω
0.10
DEG
The ● denotes specifications which apply over the specified
operating temperature range, otherwise specifications are at TA = 25°C. For each amplifier: VCM = 0V, VS = ±5V, ⎯E⎯N = 0V, pulse tested,
unless otherwise noted. (Note 4)
±5V ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com