Electronic Components Datasheet Search
  English  ▼

X  

BPW21 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BPW21
Description  Silicon PN Photodiode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPW21 Datasheet(HTML) 2 Page - Vishay Siliconix

  BPW21 Datasheet HTML 1Page - Vishay Siliconix BPW21 Datasheet HTML 2Page - Vishay Siliconix BPW21 Datasheet HTML 3Page - Vishay Siliconix BPW21 Datasheet HTML 4Page - Vishay Siliconix BPW21 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BPW21R
Vishay Telefunken
2 (5)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81519
Absolute Maximum Ratings
Tamb = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Reverse Voltage
VR
10
V
Power Dissipation
Tamb x 50 °C
PV
300
mW
Junction Temperature
Tj
125
°C
Operating Temperature Range
Tamb
–55...+125
°C
Storage Temperature Range
Tstg
–55...+125
°C
Soldering Temperature
t
x 5 s
Tsd
260
°C
Thermal Resistance Junction/Ambient
RthJA
250
K/W
Basic Characteristics
Tamb = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Forward Voltage
IF = 50 mA
VF
1.0
1.3
V
Breakdown Voltage
IR = 20 mA, E = 0
V(BR)
10
V
Reverse Dark Current
VR = 5 V, E = 0
Iro
2
30
nA
Diode Capacitance
VR = 0 V, f = 1 MHz, E = 0
CD
1.2
nF
VR = 5 V, f = 1 MHz, E = 0
CD
400
pF
Dark Resistance
VR = 10 mV
RD
38
G
W
Open Circuit Voltage
EA = 1 klx
Vo
280
450
mV
Temp. Coefficient of Vo
EA = 1 klx
TKVo
–2
mV/K
Short Circuit Current
EA = 1 klx
Ik
4.5
9
mA
Temp. Coefficient of Ik
EA = 1 klx
TKlk
–0.05
%/K
Reverse Light Current
EA = 1 klx, VR = 5 V
Ira
4.5
9
mA
Sensitivity
VR = 5 V, EA = 10–2...105 lx
S
9
nA/lx
Angle of Half Sensitivity
ϕ
±50
deg
Wavelength of Peak Sensitivity
lp
565
nm
Range of Spectral Bandwidth
l0.5
420...675
nm
Rise Time
VR = 0 V, RL = 1k W,
l = 660 nm
tr
3.1
ms
Fall Time
VR = 0 V, RL = 1k W,
l = 660 nm
tf
3.0
ms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com