Electronic Components Datasheet Search
  English  ▼

X  

BPW21 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BPW21
Description  Silicon PN Photodiode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPW21 Datasheet(HTML) 3 Page - Vishay Siliconix

  BPW21 Datasheet HTML 1Page - Vishay Siliconix BPW21 Datasheet HTML 2Page - Vishay Siliconix BPW21 Datasheet HTML 3Page - Vishay Siliconix BPW21 Datasheet HTML 4Page - Vishay Siliconix BPW21 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BPW21R
Vishay Telefunken
3 (5)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81519
Typical Characteristics (Tamb = 25_C unless otherwise specified)
40
60
80
120
100
20
Tamb – Ambient Temperature ( °C )
94 8468
100
101
102
103
104
VR=5V
Figure 1. Reverse Dark Current vs. Ambient Temperature
0
2040
6080
0.8
0.9
1.0
1.1
1.3
120
1.2
100
Tamb – Ambient Temperature ( °C )
94 8738
Figure 2. Relative Reverse Light Current vs.
Ambient Temperature
EA – Illuminance ( lx )
94 8476
100
10–2
10–1
101
102
103
104
100
10–1
10–2
10–3
10–4
101
102
Figure 3. Short Circuit Current vs. Illuminance
0
400
600
800
1200
1400
1000
200
0.1
1
10
VR – Reverse Voltage ( V )
100
94 8473
E=0
f=1MHz
Figure 4. Diode Capacitance vs. Reverse Voltage
350
450
550
650
0
0.2
0.4
0.6
0.8
1.0
750
94 8477
l – Wavelength ( nm )
Vl Eye
Figure 5. Relative Spectral Sensitivity vs. Wavelength
0.4
0.2
0
0.2
0.4
0.6
94 8475
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
Figure 6. Relative Radiant Sensitivity vs.
Angular Displacement



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com