Electronic Components Datasheet Search
  English  ▼

X  

VME64 Datasheet(PDF) 1 Page - Actel Corporation

Part # VME64
Description  VME64 Slave Controller
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

VME64 Datasheet(HTML) 1 Page - Actel Corporation

  VME64 Datasheet HTML 1Page - Actel Corporation VME64 Datasheet HTML 2Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Description
The VMEbus was first standardized in 1981 and is still in wide use. With the
advances in integration technologies, custom integrated VME controllers open the
door for smaller and cheaper systems. Inicore offers a wide range of different VME
slave controllers. Each one optimized for a certain application. The difference lies
mainly in the address and data bus width and the supported data modes.
The VME slave controller shields all the complexity of the asynchronous VMEbus
and provides an easy-to-use, synchronous parallel user side interface towards
custom logic. A built-in interrupter handles all local interrupt requests and
acknowledgments.
Figure 1: Sample application
The figure above illustrates a typical application where several peripheral
functions together with the VME slave core as well as a bus bridge are integrated
into one FPGA.
Supported modes
• Data modes: D8, D16, D32
• Address modes: A16, A24, A32
• Access modes: Read, write, read-modify-write, D32-BLT, MBLT
• Interrupter: D8, D16, D32, RORA, ROAK
INICORE INC. 5600 Mowry School Road Suite 180 Newark, CA 94560 Tel: 510 445 1529 Fax: 510 656 0995 www.inicore.com
VME64 Slave Controller
Sample Utilization and Performance Table Optimized for Actel Devices
Features
• ANSI/VITA 1-1994
compliant
• VME slave controller
• Data modes: D8, D16, D32
• Address modes: A16, A24,
D32
• Supports read, write, read-
modify-write, D32-BLT and
MBLT cycles
• Configurable D8, D16 or
D32 interrupter
• Fully synchronous user side
interface
• User selectable wait-states
• Synchronous design
Applications
• Industrial control
• Military
• Aerospace
• Telecom
• Medical
Optimized for
Page 1/2
Family
Device
Utilization
Performance
- (speed grade)
s-mod
c-mod
Tiles
RAM
Total
[MHz]
APA600
729
3%
43
Axcelerator
AX500-3
225
354
7%
101
SXA
SX72A-3
225
355
10%
74
RTSX
RTSX72S-1 MIL
223
334
10%
47
ProASIC PLUS
VMEchip
INTCmod
User Decode
Bus Bridge
TIM ERmod
GPIOmod
UARTmod


Similar Part No. - VME64

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
VME64 CTS-VME64 Datasheet
61Kb / 2P
Terminator
VME64X CTS-VME64X Datasheet
61Kb / 2P
Terminator
More results

Similar Description - VME64

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
SL811HS CYPRESS-SL811HS_07 Datasheet
824Kb / 32P
Embedded USB Host/Slave Controller
logo
Actel Corporation
A32D32 ACTEL-A32D32 Datasheet
154Kb / 2P
VME A32D32 Slave Controller
A24D32 ACTEL-A24D32 Datasheet
154Kb / 2P
VME A24D32 Slave Controller
A24D16 ACTEL-A24D16 Datasheet
155Kb / 2P
VME A24D16 Slave Controller
logo
TRINAMIC Motion Control...
TMC8460 TRINAMIC-TMC8460 Datasheet
4Mb / 145P
Integrated EtherCAT Slave Controller
logo
ASIX Electronics Corpor...
AX58100 ASIX-AX58100 Datasheet
5Mb / 71P
EtherCAT Slave Controller
AX58200 ASIX-AX58200 Datasheet
16Mb / 180P
EtherCAT Slave Controller SoC
logo
Beckhoff Automation Gmb...
ET1100 BECKHOFF-ET1100 Datasheet
2Mb / 124P
Slave Controller
ET1200 BECKHOFF-ET1200 Datasheet
1Mb / 70P
Slave Controller
logo
WAGO Kontakttechnik Gmb...
750-833 WAGO-750-833 Datasheet
607Kb / 15P
Controller PROFIBUS Slave
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com