| Electronic Components Datasheet Search |
|
EP560 Datasheet(PDF) 1 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
EP560 Datasheet(HTML) 1 Page - Actel Corporation |
|
1 / 4 page ![]() Copyright © by Eureka Technology Inc. 4962 El Camino Real, Los Altos, CA 94022, USA Tel: 1 650 960 3800 Fax: 1 650 960 3805 http://www.eurekatech.com Page 1 Eureka Technology • Compatible with SD/SDIO specification 2.0 with 1 and 4 bit data transfer • Option to support MMC 8-bit data width. • Support SD, SPI and optional MMC bus protocol. • Support for both standard capacity and high capacity (SDHC) memory cards. • Supports high speed mode up to maximum transfer rate of 25Mbyte/sec for SD and 50Mbyte/sec for MMC. • Simple 32-bit bus master interface to DMA data into user memory space. • Selectable maximum block size from 512 to 16Kbytes. • Each IO function includes up to 4096 bytes of data buffer. • Process most commands automatically without user interference. • Contains SD memory/SDIO standard slave register set. • Supports multi-function SD cards, suspend and resume, read wait, block trans- fers, and SDIO interrupts. • Password Protection for SD cards. • Options for AHB, APB, Wishbone, SH4 and Generic user interface. • Options for interrupt-based user interface. FEATURES Product Summary EP560 SD/SDIO/MMC Slave Controller command/ Data Shifter response Command State Machine Data State Machine Data Buffer Registers CMD (SD connector) DT (SD connector shifter Card Status State Machine User Interface EP560 CRC Generation (one per function) BLOCK DIAGRAM |
Similar Part No. - EP560 |
|
Similar Description - EP560 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |