Electronic Components Datasheet Search
  English  ▼

X  

EP560 Datasheet(PDF) 4 Page - Actel Corporation

Part # EP560
Description  EP560 SD/SDIO/MMC Slave Controller
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EP560 Datasheet(HTML) 4 Page - Actel Corporation

  EP560 Datasheet HTML 1Page - Actel Corporation EP560 Datasheet HTML 2Page - Actel Corporation EP560 Datasheet HTML 3Page - Actel Corporation EP560 Datasheet HTML 4Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Copyright © by Eureka Technology Inc.
4962 El Camino Real,
Los Altos, CA 94022, USA
Tel: 1 650 960 3800
Fax: 1 650 960 3805
http://www.eurekatech.com
Page 4
Eureka Technology
OPTIONAL FEATURES
The EP560 standard core features a simple generic user interface which can be
connected easily into any design. Eureka also offer the EP560 with AHB, APB,
Wishbone and SH4 bus interface. The EP560 can also come with interrupt mode
interface to allow use logic to access EP560 as a slave device or in DMA mode
which allows the EP560 to access user logic.
ACTEL DEVICE UTILIZATION DATA
Family
Device
Utilization
Performance
(-speed grade)
SEQ
COMB
Total
RAM
ProASIC3
A3P600-2
1099
5852
50%
2
49Mhz
Axcelerator
AX500-2
1098
3178
53%
2
56Mhz
IGLOO
AGL600V5
1009
5309
46%
2
31Mhz
Fusion
AFS1500
1009
5240
16%
2
45Mhz
EP560 SD/SDIO/MMC
Slave Controller



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com