Electronic Components Datasheet Search
  English  ▼

X  

EP501 Datasheet(PDF) 3 Page - Actel Corporation

Part # EP501
Description  EP501 NAND Flash Controller
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

EP501 Datasheet(HTML) 3 Page - Actel Corporation

  EP501 Datasheet HTML 1Page - Actel Corporation EP501 Datasheet HTML 2Page - Actel Corporation EP501 Datasheet HTML 3Page - Actel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Copyright © by Eureka Technology Inc.
4962 El Camino Real,
Los Altos, CA 94022, USA
Tel: 1 650 960 3800
Fax: 1 650 960 3805
http://www.eurekatech.com
Page 3
Eureka Technology
ACTEL DEVICE UTILIZATION DATA
Different user interfaces: PCI, AMBA AHB, PCMCIA, PC
Card, or CompactFlash
Data width from 8 to 32 bits
More than 4 banks for memory devices.
Family
Device
Utilization
Performance
(-speed grade)
SEQ
COMB
Total
RAM
ProASIC3
A3P1000-2
764
2126
12%
0
63Mhz
Axcelerator
AX1000-2
758
1372
12%
0
68Mhz
IGLOO
AGLE600V5-STD 764
2127
21%
0
38Mhz
Fusion
AFS1500-2
764
2126
8%
0
61Mhz
EP501 NAND Flash
Controller



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com