Electronic Components Datasheet Search
  English  ▼

X  

BDW60 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BDW60
Description  isc Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDW60 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BDW60 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDW60 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
BDW56/58/60
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BDW56
-45
BDW58
-60
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BDW60
IC= -10mA ;IB=0
B
-80
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= -0.5A; IB= -50mA
B
-0.5
V
VBE(on)
Base-Emitter On Voltage
IC= -0.5A ; VCE= -2V
-1.0
V
ICBO
Collector Cutoff Current
VCB= VCBOmax;IE= 0
-0.1
μA
BDW56
VCB= -30V; IE=0;TJ= 150℃
-10
BDW58
VCB= -45V; IE=0;TJ= 150℃
-10
ICBO
Collector Cutoff Current
BDW60
VCB= -70V; IE=0;TJ= 150℃
-10
μA
IEBO
Emitter Cutoff Current
VEB= -5V; IC=0
-10
μA
hFE-1
DC Current Gain
IC= -5mA ; VCE= -2V
25
hFE-2
DC Current Gain
IC= -150mA ; VCE= -2V
40
250
hFE-3
DC Current Gain
IC= -500mA ; VCE= -2V
25
fT
Current-Gain—Bandwidth Product
IC= -50mA;VCE= -5V;ftest= 35MHz
75
MHz
Switching times
td
Delay Time
30
ns
tr
Rise Time
40
ns
tstg
Storage Time
500
ns
tf
Fall Time
IC= 0.15A; IB1= -IB2= 15mA;
VCC= 10.2V
80
ns
isc Website:www.iscsemi.cn
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com