Electronic Components Datasheet Search
  English  ▼

X  

BDW60 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BDW60
Description  isc Silicon PNP Power Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDW60 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDW60 Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDW60 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Power Transistors
BDW56/58/60
DESCRIPTION
·Collector–Emitter Sustaining Voltage-
: VCEO(SUS)= -45V- BDW56
= -60V- BDW58
= -80V- BDW60
·Complement to Type BDW55/57/59
APPLICATIONS
·Designed for use in professional equipment such as
telecommunication and etc.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BDW56
-45
BDW58
-60
VCBO
Collector-Base
Voltage
BDW60
-100
V
BDW56
-45
BDW58
-60
VCER
Collector-Emitter
Voltage RBE= 1kΩ
BDW60
-100
V
BDW56
-45
BDW58
-60
VCEO
Collector-Emitter
Voltage
BDW60
-80
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-1
A
ICM
Collector Current-Peak
-1.5
A
PC
Collector Power Dissipation
@ TC=25℃
8
W
TJ
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
10
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
100
℃/W
isc Website:www.iscsemi.cn


Similar Part No. - BDW60

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BDW63 BOURNS-BDW63 Datasheet
113Kb / 5P
NPN SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BDW63 ISC-BDW63 Datasheet
268Kb / 2P
isc Silicon NPN Darlington Power Transistor
logo
New Jersey Semi-Conduct...
BDW63 NJSEMI-BDW63 Datasheet
142Kb / 2P
Silicon NPN Darlington Power Transistor
logo
Bourns Electronic Solut...
BDW63A BOURNS-BDW63A Datasheet
113Kb / 5P
NPN SILICON POWER DARLINGTONS
logo
Inchange Semiconductor ...
BDW63A ISC-BDW63A Datasheet
268Kb / 2P
isc Silicon NPN Darlington Power Transistor
More results

Similar Description - BDW60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BDT82F ISC-BDT82F Datasheet
111Kb / 2P
isc Silicon PNP Power Transistors
2N5737 ISC-2N5737 Datasheet
40Kb / 2P
isc Silicon PNP Power Transistors
2SB551 ISC-2SB551 Datasheet
302Kb / 2P
isc Silicon PNP Power Transistors
2SB656 ISC-2SB656 Datasheet
226Kb / 2P
isc Silicon PNP Power Transistors
2SB696 ISC-2SB696 Datasheet
222Kb / 2P
isc Silicon PNP Power Transistors
MJF45H11 ISC-MJF45H11 Datasheet
76Kb / 2P
isc Silicon PNP Power Transistors
TIP32E ISC-TIP32E Datasheet
248Kb / 2P
isc Silicon PNP Power Transistors
TIP30D ISC-TIP30D Datasheet
149Kb / 2P
isc Silicon PNP Power Transistors
TIP42C-220 ISC-TIP42C-220 Datasheet
145Kb / 2P
isc Silicon PNP Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com