Electronic Components Datasheet Search
  English  ▼

X  

BAT46W Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAT46W
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT46W Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT46W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAT46W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
www.kexin.com.cn
1
Diodes
SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT46W
Features
Low Turn-on Voltage
Guard Ring Construction for Transient
Surface Mount Package Ideally Suited for Automatic Insertion Protection
Unit: mm
SOD-123
3.7+0.1
-0.1
2.7+0.1
-0.1
0.1max
0.50
0.35
1.1+0.05
-0.05
Absolute Maximum Ratings Ta = 25
Parameter
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
VRRM
100
V
Working Peak Reverse Voltage
VRWM
100
V
DC Blocking Voltage
VR
100
V
Average Rectified Forward Current
IO
75
mA
Forward Continuous Current (Note 1)
IF
150
mA
Repetitive Peak Forward Current (Note 1)
@ tp < 1.0s, Duty Cycle < 50%
Forward Surge Forward Current (Note 1) @ tp = 10ms
IFSM
750
mA
Power Dissipation (Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RèJA
500
/W
Operating and Storage Temperature Range
Tj ,TSTG
-55to+125
Note:
1. Part mounted on FR-4 board with recommended pad layout.
IFRM
350
mA


Similar Part No. - BAT46W

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BAT46W STMICROELECTRONICS-BAT46W Datasheet
53Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Diodes Incorporated
BAT46W DIODES-BAT46W Datasheet
65Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30044 Rev. 4 - 2
logo
General Semiconductor
BAT46W GE-BAT46W Datasheet
39Kb / 2P
Schottky Diodes
logo
Diodes Incorporated
BAT46W DIODES-BAT46W Datasheet
356Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30044 Rev. 14 - 2
logo
Taiwan Semiconductor Co...
BAT46W TSC-BAT46W Datasheet
29Kb / 1P
Surface Mount Schottky Barrier Diode
More results

Similar Description - BAT46W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
1N5711WS DIODES-1N5711WS Datasheet
64Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS31033 Rev. 12 - 2
BAS70W DIODES-BAS70W Datasheet
53Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30113 Rev. A-2
logo
Won-Top Electronics
BAS40WS WTE-BAS40WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717 WTE-MMBD717 Datasheet
44Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
MMBD717WS WTE-MMBD717WS Datasheet
36Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
SS0520 WTE-SS0520_06 Datasheet
51Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
GTM CORPORATION
GD420SD GTM-GD420SD Datasheet
161Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD421SD GTM-GD421SD Datasheet
170Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GD751SD GTM-GD751SD Datasheet
134Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
GDBAS40 GTM-GDBAS40 Datasheet
168Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com