Electronic Components Datasheet Search
  English  ▼

X  

BAT46W Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # BAT46W
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

BAT46W Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  BAT46W Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd BAT46W Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Diodes
2
www.kexin.com.cn
SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAT46W
Electrical Characteristics Ta = 25
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Breakdown Voltage (Note 2)
V(BR)R
IR = 100
A
100
V
IF = 0.1 mA
0.25
IF =10mA
0.45
IF = 250 mA
1.00
VR = 1.5V
0.5
VR =1.5V, Tj =60
5.0
VR = 10V
0.8
VR =10V,Tj =60
7.5
VR =50V
2.0
VR =50V,Tj =60
15
VR =75V
5.0
VR =50V,Tj =60
20
VR = 0V, f = 1.0MHz
10
VR = 1.0V, f = 1.1MHz
6.0
Note
2.Short duration pulse test used to minimize self-heating effect.
V
A
pF
Total Capacitance
CT
Forward Voltage Drop (Note 2)
VF
Peak Reverse Current (Note 2)
IR
Marking
Marking
S9



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com