Electronic Components Datasheet Search
  English  ▼

X  

MJ11017 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MJ11017
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MJ11017 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MJ11017 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MJ11017 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Website:www.iscsemi.cn
isc Silicon PNP Darlington Power Transistor
M
J11017
DESCRIPTION
·High DC Current Gain-
: hFE = 400(Min)@ IC= -10A
·Collector-Emitter Sustaining Voltage-
: VCEO(SUS) = -150V(Min)
·Low Collector-Emitter Saturation Voltage-
: VCE(sat) = -2.0V(Max)@ IC= -10A
= -3.4V(Max)@ IC= -15A
·Complement to Type MJ11018
APPLICATIONS
·Designed for general purpose amplifiers ,low frequency
switching and motor control applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-150
V
VCEO
Collector-Emitter Voltage
-150
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-15
A
ICM
Collector Current-Peak
-30
A
IB
Base Current- Continuous
-0.5
A
PC
Collector Power Dissipation
@TC=25℃
175
W
Tj
Junction Temperature
175
℃
Tstg
Storage Temperature Range
-65~200
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.86
℃/W


Similar Part No. - MJ11017

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ11017 MOSPEC-MJ11017 Datasheet
206Kb / 4P
POWER TRANSISTORS(15A,150-250V,175W)
logo
Motorola, Inc
MJ11017 MOTOROLA-MJ11017 Datasheet
235Kb / 6P
30 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.120 VOLTS 200 WATTS
logo
ON Semiconductor
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
Wing Shing Computer Com...
MJ11017 WINGS-MJ11017 Datasheet
21Kb / 1P
PNP SILICON DARLINGTON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
New Jersey Semi-Conduct...
MJ11017 NJSEMI-MJ11017 Datasheet
113Kb / 2P
PNP SILICON DARLINGTON TRANSISTOR
More results

Similar Description - MJ11017

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB673 ISC-2SB673 Datasheet
106Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
2N6666 ISC-2N6666 Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB727 ISC-2SB727 Datasheet
259Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB884 ISC-2SB884 Datasheet
248Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1383 ISC-2SB1383 Datasheet
244Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com