Electronic Components Datasheet Search
  English  ▼

X  

K817P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # K817P
Description  Optocoupler, Phototransistor Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K817P Datasheet(HTML) 3 Page - Vishay Siliconix

  K817P Datasheet HTML 1Page - Vishay Siliconix K817P Datasheet HTML 2Page - Vishay Siliconix K817P Datasheet HTML 3Page - Vishay Siliconix K817P Datasheet HTML 4Page - Vishay Siliconix K817P Datasheet HTML 5Page - Vishay Siliconix K817P Datasheet HTML 6Page - Vishay Siliconix K817P Datasheet HTML 7Page - Vishay Siliconix K817P Datasheet HTML 8Page - Vishay Siliconix K817P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
K817P/ K827PH/ K847PH
Document Number 83522
Rev. 1.7, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Output
Coupler
Current Transfer Ratio
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector emitter voltage
IC = 100 µAVCEO
70
V
Emitter collector voltage
IE = 100 µAVECO
7V
Collector dark current
VCE = 20 V, IF = 0, E = 0
ICEO
100
nA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector emitter saturation
voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
IF = 10 mA, VCE = 5 V,
RL = 100 Ω
fc
100
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
IC/IF
VCE = 5 V, IF = 5 mA
K817P
CTR
50
600
%
K827PH
CTR
50
600
%
K847PH
CTR
50
600
%
VCE = 5 V, IF = 10 mA
K817P1
CTR
40
80
%
K817P2
CTR
63
125
%
K817P3
CTR
100
200
%
K817P4
CTR
160
320
%
VCE = 5 V, IF = 5 mA
K817P5
CTR
50
150
%
K817P6
CTR
100
300
%
K817P7
CTR
80
160
%
K817P8
CTR
130
260
%
K817P9
CTR
200
400
%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com