Electronic Components Datasheet Search
  English  ▼

X  

K817P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # K817P
Description  Optocoupler, Phototransistor Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K817P Datasheet(HTML) 4 Page - Vishay Siliconix

  K817P Datasheet HTML 1Page - Vishay Siliconix K817P Datasheet HTML 2Page - Vishay Siliconix K817P Datasheet HTML 3Page - Vishay Siliconix K817P Datasheet HTML 4Page - Vishay Siliconix K817P Datasheet HTML 5Page - Vishay Siliconix K817P Datasheet HTML 6Page - Vishay Siliconix K817P Datasheet HTML 7Page - Vishay Siliconix K817P Datasheet HTML 8Page - Vishay Siliconix K817P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.vishay.com
4
Document Number 83522
Rev. 1.7, 26-Oct-04
K817P/ K827PH/ K847PH
Vishay Semiconductors
Switching Characteristics
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Delay time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
td
3.0
µs
Rise time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
tr
3.0
µs
Fall time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
tf
4.7
µs
Storage time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
ts
0.3
µs
Turn-on time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
ton
6.0
µs
Turn-off time
VS = 5 V, IC = 2 mA, RL = 100 Ω
(see figure 1)
toff
5.0
µs
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 kΩ
(see figure 2)
ton
9.0
µs
Turn-off time
VS = 5 V, IF = 10 mA, RL = 1 kΩ
(see figure 2)
toff
18.0
µs
Figure 1. Test circuit, non-saturated operation
Figure 2. Test circuit, saturated operation
Channel I
Channel II
95 10804
RG = 50 W
tp
tp = 50 s
T
= 0.01
+ 5 V
IF
0
50
W
100
W
IF
IC = 2 mA; adjusted through
input amplitude
Oscilloscope
RL = 1 MW
CL = 20 pF
Channel I
Channel II
95 10843
RG =50
Ω
tp
tp =50 s
T
= 0.01
+5V
IC
IF
0
50
1k
IF =10mA
Oscilloscope
RL≥
CL 20 pF
Ω
M
1
≤
µ
Ω
Ω
Figure 3. Switching Times
tp
t
t
0
0
10%
90%
100%
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
pulse duration
td
delay time
tr
rise time
ton (= td +tr)
turn-on time
ts
storage time
tf
fall time
toff (= ts +tf)
turn-off time



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com