Electronic Components Datasheet Search
  English  ▼

X  

K844P Datasheet(PDF) 1 Page - Vishay Siliconix

Part # K844P
Description  Optocoupler with Phototransistor Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K844P Datasheet(HTML) 1 Page - Vishay Siliconix

  K844P Datasheet HTML 1Page - Vishay Siliconix K844P Datasheet HTML 2Page - Vishay Siliconix K844P Datasheet HTML 3Page - Vishay Siliconix K844P Datasheet HTML 4Page - Vishay Siliconix K844P Datasheet HTML 5Page - Vishay Siliconix K844P Datasheet HTML 6Page - Vishay Siliconix K844P Datasheet HTML 7Page - Vishay Siliconix K844P Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 83523
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 2.0, 09-Jan-08
1
Optocoupler, Phototransistor Output, AC Input
K814P/K824P/K844P
Vishay Semiconductors
DESCRIPTION
The K814P/K824P/K844P consist of a phototransistor
optically coupled to 2 gallium arsenide infrared emitting
diodes (reverse polarity) in 4-pin (single); 8 pin (dual) or
16-pin (quad) plastic dual inline package.
The elements are mounted on one leadframe providing a
fixed distance between input and output for highest safety
requirements.
FEATURES
• Endstackable to 2.54 mm (0.1") spacing
• DC isolation test voltage VISO = 5000 VRMS
• Low coupling capacitance of typical 0.3 pF
• Current transfer ratio (CTR) of typical 100 %
• Low temperature coefficient of CTR
• Wide ambient temperature range
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC and
WEEE 2002/96/EC
APPLICATIONS
• Feature phones
• Answering machines
• PBX
• Fax machines
AGENCY APPROVALS
• UL1577, file no. E76222 system code U, double protection
• C-UL CSA 22.2, bulletin 5A
C
CE
AC
4PIN
8 PIN
16 PIN
17220_2
1
ORDER INFORMATION
PART
REMARKS
K814P
CTR > 20 %, single channel, DIP-4
K824P
CTR > 20 %, dual channel, DIP-8
K844P
CTR > 20 %, quad channel, DIP-16
ABSOLUTE MAXIMUM RATINGS (1)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Forward current
IF
± 60
mA
Forward surge current
tP ≤ 10 µs
IFSM
± 1.5
A
Power dissipation
Pdiss
100
mW
Junction temperature
Tj
125
°C
OUTPUT
Collector emitter voltage
VCEO
70
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
Collector peak current
tp/T = 0.5, tp ≤ 10 ms
ICM
100
mA
Power dissipation
Pdiss
150
mW
Junction temperature
Tj
125
°C


Similar Part No. - K844P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K844P VISHAY-K844P Datasheet
262Kb / 9P
Optocoupler, Phototransistor Output, AC input
26-Oct-04
K844P VISHAY-K844P Datasheet
182Kb / 8P
Optocoupler, Phototransistor Output, AC Input
09-Jan-08
K844P VISHAY-K844P Datasheet
189Kb / 9P
Optocoupler with Phototransistor Output
11-Jan-99
K844P VISHAY-K844P Datasheet
184Kb / 8P
Optocoupler, Phototransistor Output, AC Input
10-Dec-08
K844P VISHAY-K844P Datasheet
184Kb / 8P
Optocoupler, Phototransistor Output, AC Input
10-Dec-08
More results

Similar Description - K844P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
Optocoupler with Phototransistor Output
11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
Optocoupler with Phototransistor Output
11-Jan-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
Optocoupler with Phototransistor Output
11-Jan-99
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
Optocoupler with Phototransistor Output
08-Sep-99
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
Optocoupler with Phototransistor Output
15-Dec-00
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
Optocoupler with Phototransistor Output
11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com