Electronic Components Datasheet Search
  English  ▼

X  

K844P Datasheet(PDF) 5 Page - Vishay Siliconix

Part # K844P
Description  Optocoupler with Phototransistor Output
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K844P Datasheet(HTML) 5 Page - Vishay Siliconix

  K844P Datasheet HTML 1Page - Vishay Siliconix K844P Datasheet HTML 2Page - Vishay Siliconix K844P Datasheet HTML 3Page - Vishay Siliconix K844P Datasheet HTML 4Page - Vishay Siliconix K844P Datasheet HTML 5Page - Vishay Siliconix K844P Datasheet HTML 6Page - Vishay Siliconix K844P Datasheet HTML 7Page - Vishay Siliconix K844P Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Document Number: 83523
For technical questions, contact: optocoupler.answers@vishay.com
www.vishay.com
Rev. 2.0, 09-Jan-08
5
K814P/K824P/K844P
Optocoupler, Phototransistor
Output, AC Input
Vishay Semiconductors
Fig. 12 - Turn-on/Turn-off Time vs. Forward Current
Fig. 13 - Turn-on/Turn-off Time vs. Collector Current
PACKAGE DIMENSIONS in millimeters
010
15
0
10
20
30
40
50
I
F - Forward Current (mA)
20
95 11031
Saturated Operation
V
S = 5 V
R
L = 1 kΩ
t
off
t
on
5
04
0
2
4
6
8
10
I
C - Collector Current (mA)
8
95 11030
Non-Saturated
Operation
V
S = 5 V
R
L = 100 Ω
t
off
t
on
6
2
14789
technical drawings
according to DIN
specifications
Weight: ca. 0.25 g
Creepage distance: > 6 mm
Air path: > 6 mm
after mounting on PC board
0.25 ± 0.05
7.62 nom.
9 ± 0.8
6.3 ± 0.1
0.53 ± 0.05
1.32 ± 0.05
2.54 nom.
4.5 ± 0.2
< 4.75
1 2
4 3
2.54
2.54
E. g.:
Special features: endstackable
to 2.54 mm (0.100") spacing



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com