Electronic Components Datasheet Search
  English  ▼

X  

LT3483 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3483
Description  Inverting Micropower DC/DC Converter with Schottky
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3483 Datasheet(HTML) 2 Page - Linear Technology

  LT3483 Datasheet HTML 1Page - Linear Technology LT3483 Datasheet HTML 2Page - Linear Technology LT3483 Datasheet HTML 3Page - Linear Technology LT3483 Datasheet HTML 4Page - Linear Technology LT3483 Datasheet HTML 5Page - Linear Technology LT3483 Datasheet HTML 6Page - Linear Technology LT3483 Datasheet HTML 7Page - Linear Technology LT3483 Datasheet HTML 8Page - Linear Technology LT3483 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT3483
2
3483fb
ABSOLUTE MAXIMUM RATINGS
VIN Voltage............................................................... 16V
SW Voltage .............................................................. 40V
D Voltage ............................................................... –40V
FB Voltage............................................................... 2.5V
SHDN Voltage .......................................................... 16V
(Note 1)
TOP VIEW
FB
GND
GND
SW
SHDN
D
NC
VIN
DC PACKAGE
8-LEAD (2mm × 2mm) PLASTIC DFN
9
4
1
2
3
6
5
7
8
TJMAX = 125°C, θJA = 121°C/W
EXPOSED PAD (PIN 9) IS GND
SW 1
GND 2
FB 3
6 VIN
5 D
4 SHDN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
TJMAX = 125°C, θJA = 256°C/W IN FREE AIR
θJA = 120°C/W ON BOARD OVER GROUND PLANE
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3483EDC#PBF
LT3483EDC#TRPBF
LCYT
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 85°C
LT3483ES6#PBF
LT3483ES6#TRPBF
LTBKX
6-Lead Plastic TSOT-23
–40°C to 85°C
LT3483IDC#PBF
LT3483IDC#TRPBF
LCYT
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 125°C
LT3483IS6#PBF
LT3483IS6#TRPBF
LTBKX
6-Lead Plastic TSOT-23
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3483EDC
LT3483EDC#TR
LCYT
8-Lead (2mm × 2mm) Plastic DFN
–40°C to 85°C
LT3483ES6
LT3483ES6#TR
LTBKX
6-Lead Plastic TSOT-23
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Ambient Temperature Range (Note 2)
LT3483E...............................................– 40°C to 85°C
LT3483I..............................................– 40°C to 125°C
Junction Temperature ......................................... 125°C
Storage Temperature Range.................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)
(TSOT-23 Package Only).................................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com