Electronic Components Datasheet Search
  English  ▼

X  

LT3483 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3483
Description  Inverting Micropower DC/DC Converter with Schottky
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3483 Datasheet(HTML) 3 Page - Linear Technology

  LT3483 Datasheet HTML 1Page - Linear Technology LT3483 Datasheet HTML 2Page - Linear Technology LT3483 Datasheet HTML 3Page - Linear Technology LT3483 Datasheet HTML 4Page - Linear Technology LT3483 Datasheet HTML 5Page - Linear Technology LT3483 Datasheet HTML 6Page - Linear Technology LT3483 Datasheet HTML 7Page - Linear Technology LT3483 Datasheet HTML 8Page - Linear Technology LT3483 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LT3483
3
3483fb
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to any Absolute Maximum
Rating condition for extended periods may affect device reliability and
lifetime.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, VSHDN = 3.6V unless otherwise specified.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Range
2.5
16
V
VIN Undervoltage Lockout
2
2.4
V
FB Comparator Trip Voltage to GND (VFB)
FB Falling
●
05
12
mV
FB Output Current (Note 3)
FB = VFB – 5mV
●
–10.2
–10
–9.7
μA
FB Comparator Hysteresis
FB Rising
10
mV
Quiescent Current in Shutdown
VSHDN = GND
1
μA
Quiescent Current (Not Switching)
FB = –0.05V
40
50
μA
IFB Line Regulation
2.5V ≤ VIN ≤ 16V
0.07
%/V
Switch Off-Time
300
ns
Switch Current Limit
170
200
230
mA
Switch VCESAT
ISW = 150mA to GND
200
mV
Switch Leakage Current
SW = 40V
1
μA
Rectifier Leakage Current
D = – 40V
4
μA
Rectifier Forward Drop
ID = 150mA to GND
0.64
V
SHDN Input Low Voltage
0.4
V
SHDN Input High Voltage
1.5
V
SHDN Pin Current
610
μA
Note 2: The LT3483E is guaranteed to meet specifications from 0°C to 85°C.
Specifications over the –40°C to 85°C operating temperature range are
assured by design, characterization and correlation with statistical process
controls. The LT3483I is guaranteed to meet specifications over the –40°C to
125°C operating temperature range.
Note 3: Current flows out of the pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com