Electronic Components Datasheet Search
  English  ▼

X  

LT3494 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3494
Description  Micropower Low Noise Boost Converters with Output Disconnect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3494 Datasheet(HTML) 2 Page - Linear Technology

  LT3494 Datasheet HTML 1Page - Linear Technology LT3494 Datasheet HTML 2Page - Linear Technology LT3494 Datasheet HTML 3Page - Linear Technology LT3494 Datasheet HTML 4Page - Linear Technology LT3494 Datasheet HTML 5Page - Linear Technology LT3494 Datasheet HTML 6Page - Linear Technology LT3494 Datasheet HTML 7Page - Linear Technology LT3494 Datasheet HTML 8Page - Linear Technology LT3494 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT3494/LT3494A
2
3494fb
ELECTRICAL CHARACTERISTICS
PACKAGE/ORDER INFORMATION
ABSOLUTE MAXIMUM RATINGS
VCC Voltage ...............................................................16V
SW Voltage ...............................................................40V
CAP Voltage ..............................................................40V
VOUT Voltage .............................................................40V
SHDN Voltage ...........................................................16V
CTRL Voltage ............................................................16V
FB Voltage................................................................2.5V
Maximum Junction Temperature .......................... 125°C
Operating Temperature Range (Note 2) ... –40°C to 85°C
Storage Temperature Range................... –65°C to 125°C
(Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.3
2.5
V
Maximum Operating Voltage
16
V
Feedback Voltage
VCTRL = 3V (Note 3)
●
1.205
1.225
1.245
V
FB Resistor
●
179
182
184
k
Ω
Quiescent Current
Not Switching
65
75
μA
Quiescent Current in Shutdown
V⎯S⎯H⎯D⎯N = 0V, VCC = 3V
0
1
μA
Minimum Switch Off Time
After Start-Up Mode, VFB = 1V, VCTRL = 3V (Note 4)
During Start-Up Mode, VFB = 0.2V, VCTRL = 3V (Note 4)
100
450
ns
ns
Maximum Switch Off Time
VFB = 1.5V
●
15
20
30
μs
Switch Current Limit
LT3494A (Note 5)
LT3494 (Note 5)
225
115
350
180
450
250
mA
mA
Switch VCESAT
LT3494A, ISW = 200mA
LT3494, ISW = 100mA
180
110
mV
mV
Switch Leakage Current
VSW = 5V, V⎯S⎯H⎯D⎯N = 0
0.01
1
μA
Schottky Forward Voltage
IDIODE = 100mA
900
1100
mV
Schottky Reverse Leakage
0.05
1
μA
PMOS Disconnect VCAP – VOUT
IOUT = 10mA, VCAP = 5V
250
mV
SHDN Input Voltage High
1.5
V
SHDN Input Voltage Low
0.3
V
SHDN Pin Bias Current
VSHDN = 3V
VSHDN = 0V
5
0
10
0.1
μA
μA
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm
× 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
SW
GND
VCC
CTRL
CAP
VOUT
FB
SHDN
TJMAX = 125°C, θJA = 76°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
DDB PART MARKING
LT3494EDDB
LT3494AEDDB
LCCD
LCRW
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3V, VSHDN = VCC, unless otherwise noted. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com