| Electronic Components Datasheet Search |
|
LT3494 Datasheet(PDF) 3 Page - Linear Technology |
|
|
|||||||||||||||||||||||||||||
LT3494 Datasheet(HTML) 3 Page - Linear Technology |
|
3 / 12 page ![]() LT3494/LT3494A 3 3494fb Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LT3494/LT3494A are guaranteed to meet performance specifications from 0°C to 85°C. Specifications over the –40°C to 85°C operating temperature range are assured by design, characterization and correlation with statistical process controls. PARAMETER CONDITIONS MIN TYP MAX UNITS CTRL Pin Bias Current VCTRL = 0.5V, Current Flows Out of Pin ● 20 100 nA CTRL to FB Offset VCTRL = 0.5V 8 15 mV Maximum Shunt Current VFB = 1.3V, VCAP = 5V 230 μA Note 3: Internal reference voltage is determined by finding VFB voltage level which causes quiescent current to increase 20μA above “Not Switching” level. Note 4: If CTRL is overriding the internal reference, Start-Up mode occurs when VFB is less then half the voltage on CTRL. If CTRL is not overriding the internal reference, Start-Up mode occurs when VFB is less then half the voltage of the internal reference. Note 5: Current limit guaranteed by design and/or correlation to static test. ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VCC = 3V, VSHDN = VCC, unless otherwise noted. (Note 2) TYPICAL PERFORMANCE CHARACTERISTICS Switching Frequency vs Load Currrent Load Regulation VOUT vs CTRL Voltage LOAD CURRENT (mA) 0.1 800 1000 1200 1400 1 10 100 3494 G01 600 400 200 0 LT3494 FIGURE 5 CIRCUIT VCC = 3.6V VOUT = 16V LOAD CURRENT (mA) 0 0 1.0 40 3494 G02 –1.0 –2.0 10 20 30 5 15 25 35 2.0 –0.5 0.5 –1.5 1.5 LT3494 FIGURE 5 CIRCUIT VCC = 3.6V VOUT = 16V CTRL VOLTAGE (V) 0.1 0 5 10 15 20 0.3 0.5 0.7 0.9 3494 G03 1.1 1.3 1.5 LT3494 FIGURE 5 CIRCUIT VCC = 3.6V VOUT = 16V LOAD CURRENT = 1mA TA = 25°C unless otherwise noted. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |