Electronic Components Datasheet Search
  English  ▼

X  

S153 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # S153
Description  Silicon PIN Photodiode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S153 Datasheet(HTML) 1 Page - Vishay Siliconix

  S153 Datasheet HTML 1Page - Vishay Siliconix S153 Datasheet HTML 2Page - Vishay Siliconix S153 Datasheet HTML 3Page - Vishay Siliconix S153 Datasheet HTML 4Page - Vishay Siliconix S153 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
S153P
Vishay Telefunken
1 (5)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81535
Silicon PIN Photodiode
Description
S153P is a high speed and high sensitive PIN photo-
diode in a hermetically sealed short TO–5 package.
Due to its flat, waterclear glass window the device is
sensitive to visible and near infrared radiation.
The large active area combined with a flat case gives
a high sensitivity at a wide viewing angle.
Features
D High photo sensitivity
D Large radiant sensitive area A=7.5 mm2
D Fast response times
D Small junction capacitance
D For photodiode and photovoltaic operation
D Hermetically sealed case
D Wide angle of half sensitivity ϕ = ± 55°
D Suitable for visible and near infrared radiation
D Suitable to couple with glass fiber
94 8482
Applications
Applications requiring high speed and high sensitive PIN photodiodes in hermetically sealed packages.
Absolute Maximum Ratings
Tamb = 25_C
Parameter
Test Conditions
Symbol
Value
Unit
Reverse Voltage
VR
50
V
Power Dissipation
Tamb x 50 °C
PV
300
mW
Junction Temperature
Tj
125
°C
Operating Temperature Range
Tamb
–55...+125
°C
Soldering Temperature
t
x 5 s
Tsd
260
°C
Thermal Resistance Junction/Ambient
RthJA
250
K/W


Similar Part No. - S153

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S15359Z5UN63J7R VISHAY-S15359Z5UN63J7R Datasheet
200Kb / 11P
Ceramic Singlelayer DC Disc Capacitors for General Purpose
05-Nov-2024
logo
Lapp.
S1536 LAPP-S1536 Datasheet
409Kb / 1P
SKINTOP® SLM/SLRM Strain relief with metric thread
rev. 2 - 9.18.2018
logo
Vishay Siliconix
S153Z53Y5VN63J7R VISHAY-S153Z53Y5VN63J7R Datasheet
200Kb / 11P
Ceramic Singlelayer DC Disc Capacitors for General Purpose
05-Nov-2024
More results

Similar Description - S153

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
Silicon PIN Photodiode
16-Nov-99
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
PIN SILICON PHOTODIODE
Dec-1998
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
Silicon PIN Photodiode
logo
OPTEK Technologies
OP906 OPTEK-OP906 Datasheet
500Kb / 2P
PIN Silicon Photodiode
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF_06 Datasheet
143Kb / 7P
Silicon PIN Photodiode
13-Nov-06
BPW24R VISHAY-BPW24R_08 Datasheet
144Kb / 5P
Silicon PIN Photodiode
11-Aug-08
BPW41N VISHAY-BPW41N_08 Datasheet
89Kb / 5P
Silicon PIN Photodiode
08-Sep-08
VBPW34S VISHAY-VBPW34S Datasheet
187Kb / 8P
Silicon PIN Photodiode
20-Apr-10
T330P VISHAY-T330P Datasheet
76Kb / 4P
Silicon PIN Photodiode
16-Jan-12
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
Silicon PIN Photodiode
09-Jan-14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com