Electronic Components Datasheet Search
  English  ▼

X  

S153 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S153
Description  Silicon PIN Photodiode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S153 Datasheet(HTML) 2 Page - Vishay Siliconix

  S153 Datasheet HTML 1Page - Vishay Siliconix S153 Datasheet HTML 2Page - Vishay Siliconix S153 Datasheet HTML 3Page - Vishay Siliconix S153 Datasheet HTML 4Page - Vishay Siliconix S153 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
S153P
Vishay Telefunken
2 (5)
Rev. 2, 20-May-99
www.vishay.de
• FaxBack +1-408-970-5600
Document Number 81535
Basic Characteristics
Tamb = 25_C
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Breakdown Voltage
IR = 100 mA, E = 0
V(BR)
50
V
Reverse Dark Current
VR = 10 V, E = 0
Iro
2
30
nA
Diode Capacitance
VR = 0 V, f = 1 MHz, E = 0
CD
75
pF
VR = 3 V, f = 1 MHz, E = 0
CD
25
40
pF
Open Circuit Voltage
EA = 1 klx
Vo
350
mV
Temp. Coefficient of Vo
EA = 1 klx
TKVo
–2.6
mV/K
Short Circuit Current
EA = 1 klx
Ik
80
mA
Ee = 1 mW/cm2,
l = 950 nm
Ik
47
mA
Temp. Coefficient of Ik
EA = 1 klx
TKIk
0.18
%/K
Reverse Light Current
EA = 1 klx, VR = 5 V
Ira
85
mA
g
Ee = 1 mW/cm2,
l = 950 nm, VR = 5 V
Ira
40
50
mA
Absolute Spectral Sensitivity
VR = 5 V, l = 900 nm
s(
l)
0.6
A/W
Angle of Half Sensitivity
ϕ
±55
deg
Wavelength of Peak Sensitivity
lp
900
nm
Range of Spectral Bandwidth
l0.5
600...1050
nm
Noise Equivalent Power
VR = 10 V, l = 950 nm
NEP
4.2x10–14
W/
√ Hz
Rise Time
VR = 10 V, RL = 1 kW,
l = 820 nm
tr
100
ns
Fall Time
VR = 10 V, RL = 1 kW,
l = 820 nm
tf
100
ns
Typical Characteristics (Tamb = 25_C unless otherwise specified)
40
60
80
120
100
20
Tamb – Ambient Temperature ( °C )
94 8463
100
101
102
103
104
105
VR=10V
Figure 1. Reverse Dark Current vs. Ambient Temperature
0.8
1.0
1.2
1.5
1.3
1.4
1.1
0.9
0
2040
6080
120
100
Tamb – Ambient Temperature ( °C )
94 8464
VR=5V
l=950nm
Figure 2. Relative Reverse Light Current vs.
Ambient Temperature



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com