Electronic Components Datasheet Search
  English  ▼

X  

LTC1272 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1272
Description  12-Bit, 3關s, 250kHz Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1272 Datasheet(HTML) 4 Page - Linear Technology

  LTC1272 Datasheet HTML 1Page - Linear Technology LTC1272 Datasheet HTML 2Page - Linear Technology LTC1272 Datasheet HTML 3Page - Linear Technology LTC1272 Datasheet HTML 4Page - Linear Technology LTC1272 Datasheet HTML 5Page - Linear Technology LTC1272 Datasheet HTML 6Page - Linear Technology LTC1272 Datasheet HTML 7Page - Linear Technology LTC1272 Datasheet HTML 8Page - Linear Technology LTC1272 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC1272
4
1272fb
1272fb
1272fb
LTC1272-XA/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t1
CS to RD Setup Time
●
0ns
t2
RD to BUSY Delay
CL = 50pF
80
190
ns
COM Grade
●
230
ns
t3
Data Access Time After RD
↓
CL = 20pF
50
90
ns
COM Grade
●
110
ns
CL = 100pF
70
125
ns
COM Grade
●
150
ns
t4
RD Pulse Width
t3
ns
COM Grade
●
t3
ns
t5
CS to RD Hold Time
●
0ns
t6
Data Setup Time After BUSY
40
70
ns
COM Grade
●
90
ns
t7
Bus Relinquish Time
20
30
75
ns
COM Grade
●
20
85
ns
t8
HBEN to RD Setup Time
●
0ns
t9
HBEN to RD Hold Time
●
0ns
t10
Delay Between RD Operations
●
200
ns
t11
Delay Between Conversions
1
µs
t12
Aperture Delay of Sample and Hold
Jitter < 50ps
25
ns
t13
CLK to BUSY Delay
80
170
ns
COM Grade
●
220
ns
tCONV
Conversion Time
●
12
13
CLK
CYCLES
CC
HARA TERISTICS
G
TI I
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with DGND and
AGND wired together, unless otherwise noted.
Note 3: When the analog input voltage is taken below ground it will be
clamped by an internal diode. This product can handle, with no external
diode, input currents of greater than 60mA below ground without latch-up.
Note 4: VDD = 5V, fCLK = 4MHz for LTC1272-3, and 1.6MHz for
LTC1272-8, tr = tf = 5ns unless otherwise specified. For best analog
performance, the LTC1272 clock should be synchronized to the RD and
CS control inputs with at least 40ns separating convert start from the
nearest clock edge.
Note 5: Linearity error is specified between the actual end points of the
A/D transfer curve.
Note 6: The LTC1272 has the same 0V to 5V input range as the AD7572
but, to achieve single supply operation, it provides a 2.42V reference
output instead of the –5.25V of the AD7572. This requires that the polarity
of the reference bypass capacitor be reversed when plugging an LTC1272
into an AD7572 socket.
Note 7: Guaranteed by design, not subject to test.
Note 8: VDD = 5V. Timing specifications are sample tested at 25°C to
ensure compliance. All input control signals are specified with tr = tf = 5ns
(10% to 90% of 5V) and timed from a voltage level of 1.6V. See Figures 13
through 17.
The
● denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. (Note 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com