Electronic Components Datasheet Search
  English  ▼

X  

LTC1272 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC1272
Description  12-Bit, 3關s, 250kHz Sampling A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1272 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC1272 Datasheet HTML 2Page - Linear Technology LTC1272 Datasheet HTML 3Page - Linear Technology LTC1272 Datasheet HTML 4Page - Linear Technology LTC1272 Datasheet HTML 5Page - Linear Technology LTC1272 Datasheet HTML 6Page - Linear Technology LTC1272 Datasheet HTML 7Page - Linear Technology LTC1272 Datasheet HTML 8Page - Linear Technology LTC1272 Datasheet HTML 9Page - Linear Technology LTC1272 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC1272
6
1272fb
1272fb
1272fb
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
VREF vs ILOAD (mA)
LTC1272 ENOBs* vs Frequency
VDD Supply Current vs
Minimum Clock Frequency vs
Maximum Clock Frequency vs
Temperature
Temperature
Temperature
CODE
0
–1.0
1.0
512
1024
4096
LTC1272 • TPC02
1536
2048
2560
3072
3584
0
VDD = 5V
fCLK = 4MHz
0
0.5
– 0.5
Differential Nonlinearity
TEMPERATURE (°C)
–55
0
5
10
15
20
25
30
–25
25
50
125
LT1272 • TPC03
0
75
100
VDD = 5V
fCLK = 4MHz
TEMPERATURE (°C)
–55
0
100
200
300
400
500
600
–25
25
50
125
LT1272 • TPC04
0
75
100
VDD = 5V
TEMPERATURE (°C)
–55
2
3
4
5
6
7
8
–25
25
50
125
LT1272 • TPC05
0
75
100
IL (mA)
–5
2.405
2.410
2.415
2.420
2.425
2.430
2.435
– 4
–2
–1
2
LT1272 • TPC06
–3
0
1
fIN (kHz)
0
0
1
4
6
8
10
12
20
60
80
120
LT1272 • TPC07
40
100
2
3
5
7
9
11
fS = 250kHz
VDD = 5V
*EFFECTIVE NUMBER OF BITS, ENOBs =
S/(N + D) – 1.76dB
6.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com