Electronic Components Datasheet Search
  English  ▼

X  

AER03 Datasheet(PDF) 1 Page - Emerson Network Power

Part # AER03
Description  Fixed frequency switching (150 kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AER03 Datasheet(HTML) 1 Page - Emerson Network Power

  AER03 Datasheet HTML 1Page - Emerson Network Power AER03 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Features
Electrical Specs
10 Watts
AER03
• Point of load (POL) applications
• Positive enable function
• Low output ripple and noise
• Fixed frequency switching (150 kHz)
• Overvoltage, over current protection
• Small 1 X 1 Footprint
• Non-Isolated
Environmental
Operating temperature
-25°C to +95°C
Storage temperature: -40°C to +125°C
MTBF: = 5 million hours
Input
Input range
4.5V - 5.5Vdc
Input Surge
10V
Efficiency
88%@3.3V
Control
Enable
TTL compatible
(positive enable option)
Output
Regulation
(Line, Load, Temp)
<3%
Ripple and noise
30mV
Transient Response
1% max deviation with
50% to 75% full load
40 µS (max) recovery
Specifications subject to change without notice.
Safety
UL, cUL 1950 Recognized
TUV
EN60950 Licensed
Total Power:
10 Watts
Input Voltages:
5 V
No. of Outputs:
Single
America’s (USA): 1-888-41-ASTEC
Europe (UK): 44 (1384) 842-211
Asia (HK): 852-2437-9662
16
W9959_02_DCDC_001-073_73
2/8/02
3:13 PM
Page 16


Similar Part No. - AER03

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AER03 ASTEC-AER03 Datasheet
561Kb / 2P
10 Watts
AER03F05N ASTEC-AER03F05N Datasheet
561Kb / 2P
10 Watts
More results

Similar Description - AER03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-GB75LA60UF VISHAY-VS-GB75LA60UF Datasheet
203Kb / 9P
Higher switching frequency up to 150 kHz
17-Oct-16
VS-GB75NA60UF VISHAY-VS-GB75NA60UF Datasheet
192Kb / 9P
Higher switching frequency up to 150 kHz
17-Oct-16
logo
STMicroelectronics
STEVAL-ISA002V1 STMICROELECTRONICS-STEVAL-ISA002V1 Datasheet
254Kb / 5P
Switching Frequency 60 kHz
01-Feb-2006
STEVAL-ISA108V1 STMICROELECTRONICS-STEVAL-ISA108V1 Datasheet
141Kb / 4P
850 kHz switching frequency
February 2013 Rev 1
ST1S41 STMICROELECTRONICS-ST1S41 Datasheet
1Mb / 27P
850 kHz switching frequency
24-Apr-2013
logo
ATMEL Corporation
U227B ATMEL-U227B Datasheet
324Kb / 18P
Carrier Frequency fosc 100 kHz to 150 kHz
logo
Bel Fuse Inc.
0REB-C2T07L BEL-0REB-C2T07L Datasheet
843Kb / 19P
Fixed Frequency (400 kHz)
0REB-C2T12 BEL-0REB-C2T12 Datasheet
949Kb / 19P
Fixed Frequency (400 kHz)
0RQB-H0S12X BEL-0RQB-H0S12X Datasheet
581Kb / 16P
Fixed Frequency (250 kHz)
0RRQ-50V10R BEL-0RRQ-50V10R Datasheet
701Kb / 15P
Fixed Frequency (300 KHz)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com