Electronic Components Datasheet Search
  English  ▼

X  

AER03 Datasheet(PDF) 2 Page - Emerson Network Power

Part # AER03
Description  Fixed frequency switching (150 kHz)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AER03 Datasheet(HTML) 2 Page - Emerson Network Power

  AER03 Datasheet HTML 1Page - Emerson Network Power AER03 Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
Ordering Information
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Notes:
1. 20 mHz bandwidth. External 10 uF tant. capacitor +
0.1 uF cer. capacitor placed from +V out to -V out.
2. All specifications are typical at nominal line, full load,
and 25°C unless otherwise noted.
3. All specifications subject to change without notice.
Mechanical drawings are for reference only.
4. Technical Reference Notes should be consulted for
detailed information when available.
5. Warranty: 1yr
Input
Output
Efficiency
Model Number
Voltage
Voltage
Full Load
4.5V-5.5V
3.3V @ 3A
88% (Typ)
AER03F05N
17
www.astec.com
W9959_02_DCDC_001-073_73
2/8/02
3:13 PM
Page 17



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com