Electronic Components Datasheet Search
  English  ▼

X  

LTC1518CS Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1518CS
Description  52Mbps Precision Delay RS485 Quad Line Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1518CS Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1518CS Datasheet HTML 4Page - Linear Technology LTC1518CS Datasheet HTML 5Page - Linear Technology LTC1518CS Datasheet HTML 6Page - Linear Technology LTC1518CS Datasheet HTML 7Page - Linear Technology LTC1518CS Datasheet HTML 8Page - Linear Technology LTC1518CS Datasheet HTML 9Page - Linear Technology LTC1518CS Datasheet HTML 10Page - Linear Technology LTC1518CS Datasheet HTML 11Page - Linear Technology LTC1518CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LTC1518/LTC1519
When the inputs are accidentally shorted (by cutting
through a cable, for example), the short-circuit fail-safe
feature will guarantee a high output logic level. Note also
that if the line driver is removed and the termination
resistors are left in place, the receiver will see this as a
“short” and output a logic high.
Both of these fail-safe features will keep the receiver from
outputting false data pulses under fault conditions.
Single-Ended Applications
Over short distances, the LTC1518/LTC1519 can be
configured to receive single-ended data by tying one
input to a fixed bias voltage and connecting the other
input to the driver output. In such applications, standard
high speed CMOS logic may be used as a driver for the
LTC1518/LTC1519. With a 22k minimum input resis-
tance, the receiver trip points may be easily adjusted to
accommodate different driver output swings by chang-
ing the resistor divider at the fixed input. Figure 6a shows
a single-ended receiver configuration with the driver and
receiver connected via PC traces. Note that at very high
speeds, transmission line and driver ringing effects must
be considered. Motorola’s
MECL System Design Hand-
book serves as an excellent reference for transmission
line and termination effects. To mitigate transmission
errors and duty cycle distortion due to driver ringing, a
small output filter or a dampening resistor on the driver’s
VDD may be needed as shown in Figure 6b. With an open
circuit voltage of 3.3V at both inputs, the receivers can be
used without an external bias applied to the fixed inputs.
The fixed input should be bypassed with a 0.01
µF ce-
ramic capacitor. The positive input should be driven with
a 5V CMOS part in order to minimize the skew caused by
the 3.3V threshold. Figure 6c shows this configuration.
Figure 6a. Single-Ended Receiver
Figure 6b. Techniques to Minimize Driver Ringing
Figure 6c. Self Biased Single Ended Receiver
–
+
2.2k
5V
PC TRACE
1/4
LTC1518
LTC1519
MC74ACT04
(TTL INPUT)
MC74AC04
(CMOS INPUT)
2.2k
1518/19 F06a
0.01
µF
10
Ω
PC TRACE
OR
PC TRACE
0.01
µF
MC74AC04
1518/19 F06b
10pF
10
Ω
–
+
PC TRACE
1/4
LTC1518
LTC1519
MC74ACT04
(TTL INPUT)
MC74AC04
(CMOS INPUT)
1518/19 F06c
0.01
µF
APPLICATIO S I FOR ATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com