Electronic Components Datasheet Search
  English  ▼

X  

LTC1518CS Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1518CS
Description  52Mbps Precision Delay RS485 Quad Line Receivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1518CS Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1518CS Datasheet HTML 4Page - Linear Technology LTC1518CS Datasheet HTML 5Page - Linear Technology LTC1518CS Datasheet HTML 6Page - Linear Technology LTC1518CS Datasheet HTML 7Page - Linear Technology LTC1518CS Datasheet HTML 8Page - Linear Technology LTC1518CS Datasheet HTML 9Page - Linear Technology LTC1518CS Datasheet HTML 10Page - Linear Technology LTC1518CS Datasheet HTML 11Page - Linear Technology LTC1518CS Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1518/LTC1519
Figure 9 shows a trace with 100ft category 5 UTP between
an LTC1685 driver and an LTC1518 receiver. Notice that at
the far end of the cable, the signal to the LTC1518 input has
been reduced. Figure 10 shows a 52Mbps square wave.
Output Short-Circuit Protection
The LTC1518/LTC1519 employ voltage sensing short-
circuit protection at the output terminals. For a given input
differential, this circuitry determines what the correct
output level should be. For example, if the input differential
is
≥ 300mV, it expects the output to be a logic high. If the
output is subsequently shorted to a voltage below VDD/2,
this circuitry shuts off the output devices and turns on a
smaller device in its place. A timeout period of about 50ns
is used in order to maintain normal high frequency opera-
tion, even under heavy capacitive loads (>100mA tran-
sient current into the load).
Figure 9. 20ns Pulse Propagating Down 100ft of Category 5 UTP
Figure 10. 52Mbps Pulse Train Over 100ft of Category 5 UTP
APPLICATIO S I FOR ATIO
50ns/DIV
LTC1518/19 • F09
2V/DIV
2V/DIV
5V/DIV
DRIVER
INPUT
RECEIVER
INPUT
RECEIVER
OUTPUT
CABLE
DELAY
NOTES:
TOP TRACE: LTC1685 DRIVER INPUT
MID TRACE: LTC1518 INPUT AT FAR END
OF 100ft CATAGORY 5 UTP
BOTTOM TRACE: LTC1518 OUTPUT
20ns/DIV
LTC1518/19 • F10
1V/DIV
5V/DIV
RECEIVER
INPUT
RECEIVER
OUTPUT
NOTES:
TOP TRACE: LTC1518 INPUT AT FAR END
OF 100ft CAT 5 UTP
BOTTOM TRACE: LTC1518 OUTPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com