Electronic Components Datasheet Search
  English  ▼

X  

56531I Datasheet(PDF) 2 Page - Linear Technology

Part # 56531I
Description  650kHz Continuous Time, Linear Phase Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

56531I Datasheet(HTML) 2 Page - Linear Technology

  56531I Datasheet HTML 1Page - Linear Technology 56531I Datasheet HTML 2Page - Linear Technology 56531I Datasheet HTML 3Page - Linear Technology 56531I Datasheet HTML 4Page - Linear Technology 56531I Datasheet HTML 5Page - Linear Technology 56531I Datasheet HTML 6Page - Linear Technology 56531I Datasheet HTML 7Page - Linear Technology 56531I Datasheet HTML 8Page - Linear Technology 56531I Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LTC1565-31
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Supply Voltage
4.75
11
V
Filter Gain
VIN = 1VP-P, fIN = 25kHz
q
– 0.3
0
0.3
dB
fIN = 200kHz (Gain Relative to 25kHz)
q
– 0.2
0
0.1
dB
fIN = 300kHz (Gain Relative to 25kHz)
q
– 0.7
–0.4
– 0.1
dB
fIN = 500kHz (Gain Relative to 25kHz)
q
– 2.2
–1.6
– 0.95
dB
fIN = 650kHz (Gain Relative to 25kHz)
q
–4
–3
–2
dB
fIN = 900kHz (Gain Relative to 25kHz)
q
–11
– 7
dB
fIN = 1.3MHz (Gain Relative to 25kHz)
q
–36
– 31
dB
fIN = 2.3MHz (Gain Relative to 25kHz)
–72
dB
Filter Phase
VIN = 1VP-P, fIN = 25kHz
–13
Deg
fIN = 200kHz
–101
Deg
fIN = 300kHz
q
– 162
–150
– 138
Deg
fIN = 500kHz
113
Deg
fIN = 600kHz
q
34
60
85
Deg
fIN = 650kHz
36
Deg
fIN = 900kHz
– 92
Deg
Phase Linearity
Ratio of 600kHz Phase/300kHz Phase
q
1.95
2
2.03
Wideband Noise
Noise BW = DC to 2 • fCUTOFF
118
µVRMS
THD
fIN = 100kHz, 1VP-P (Note 2)
86
dB
Filter Differential DC Swing
Maximum Difference Between Pins 7 and 8
VS = 5V
q
±1.4
±1.7
±1.9
VP
VS = ±5V
q
±2.2
±2.3
±2.5
VP
Input Bias Current
0.1
0.3
0.6
µA
Input Offset Current
±10
nA
Input Resistance
Common Mode, VIN = 2.5V
75
M
Ω
Differential
145
M
Ω
Input Capacitance
3pF
Output DC Offset (Note 3)
VS = 5V
±5
±12
mV
VS = ±5V (Note 5)
±5
±12
mV
Total Supply Voltage ............................................... 11V
Power Dissipation ............................................. 500mW
Operating Temperature Range
LTC1565-31CS8 ..................................... 0
°C to 70°C
LTC1565-31IS8 ................................. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
(Note 1)
ORDER PART
NUMBER
LTC1565-31CS8
LTC1565-31IS8
TJMAX = 150°C, θJA = 80°C/ W (NOTE 4)
Consult factory for Military grade parts.
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
1
2
3
4
8
7
6
5
TOP VIEW
+OUT
–OUT
V+
SHDN
+IN
–IN
GND
V–
S8 PACKAGE
8-LEAD PLASTIC SO
S8 PART MARKING
156531
56531I
The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, RLOAD = 10k from each output to AC ground, and Pin 5 open
unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com