Electronic Components Datasheet Search
  English  ▼

X  

56531I Datasheet(PDF) 3 Page - Linear Technology

Part # 56531I
Description  650kHz Continuous Time, Linear Phase Lowpass Filter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

56531I Datasheet(HTML) 3 Page - Linear Technology

  56531I Datasheet HTML 1Page - Linear Technology 56531I Datasheet HTML 2Page - Linear Technology 56531I Datasheet HTML 3Page - Linear Technology 56531I Datasheet HTML 4Page - Linear Technology 56531I Datasheet HTML 5Page - Linear Technology 56531I Datasheet HTML 6Page - Linear Technology 56531I Datasheet HTML 7Page - Linear Technology 56531I Datasheet HTML 8Page - Linear Technology 56531I Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1565-31
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: Input and output voltages expressed as peak-to-peak numbers are
assumed to be fully differential.
Note 3: Output DC offset is measured between Pin 8 and Pin 7 with Pin 1
and Pin 2 connected to Pin 3.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output DC Offset Drift
VS = 5V
– 400
µV/°C
VS = ±5V
– 400
µV/°C
Ground Voltage (Pin 3) in
VS = 5V
q
2.49
2.51
2.52
V
Single Supply Applications
SHDN Pin Logic Thresholds
VS = 5V, Minimum Logical “1”
q
4.2
V
VS = 5V, Maximum Logical “0”
q
3.3
V
VS = ±5V, Minimum Logical “1”
q
2.9
V
VS = ±5V, Maximum Logical “0”
q
2.4
V
SHDN Pin Pull-Up Current
VS = 5V
5
µA
VS = ±5V
9
µA
Power Supply Current
VS = 5V
q
24
31
mA
VS = ±5V
q
25
33
mA
Power Supply Current in Shutdown Mode
Shutdown. Includes SHDN Pull-Up Current
VS = 5V
q
816
µA
VS = ±5V
q
20
40
µA
Note 4: Thermal resistance varies depending upon the amount of PC board
metal attached to the device.
θJA is specified for a 3.8 square inch test
board covered with 2 oz copper on both sides.
Note 5: Output DC offset measurements are performed by automatic test
equipment approximately 0.5 seconds after application of power.
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VS = 5V, RLOAD = 10k from each output to AC ground, and Pin 5 open
unless otherwise specified.
TYPICAL PERFOR A CE CHARACTERISTICS
Frequency Response
FREQUENCY (Hz)
104
105
106
107
1565 G01
10
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
2.0
1.8
1.7
1.6
1.5
1.4
1.3
1.2
1.1
1.0
0.9
1.9
GAIN
DELAY
FREQUENCY (Hz)
25k
–4.5
–3.5
–2.5
–1.5
–0.5
100k
1M
1565 G02
0.5
GAIN
–4.0
–3.0
–2.0
DELAY
–1.0
0
1.0
1.2
1.4
1.6
1.8
2.0
1.1
1.3
1.5
1.7
1.9
5V
±5V
TA = 25°C
Passband Gain and Delay
vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com