Electronic Components Datasheet Search
  English  ▼

X  

TS80C32X2-LCKB Datasheet(PDF) 16 Page - TEMIC Semiconductors

Part # TS80C32X2-LCKB
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C32X2-LCKB Datasheet(HTML) 16 Page - TEMIC Semiconductors

Back Button TS80C32X2-LCKB Datasheet HTML 12Page - TEMIC Semiconductors TS80C32X2-LCKB Datasheet HTML 13Page - TEMIC Semiconductors TS80C32X2-LCKB Datasheet HTML 14Page - TEMIC Semiconductors TS80C32X2-LCKB Datasheet HTML 15Page - TEMIC Semiconductors TS80C32X2-LCKB Datasheet HTML 16Page - TEMIC Semiconductors TS80C32X2-LCKB Datasheet HTML 17Page - TEMIC Semiconductors TS80C32X2-LCKB Datasheet HTML 18Page - TEMIC Semiconductors TS80C32X2-LCKB Datasheet HTML 19Page - TEMIC Semiconductors TS80C32X2-LCKB Datasheet HTML 20Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
16
Rev. B - Jan. 25, 1999
Preliminary
TS80C52X2
Table 6. T2CON Register
T2CON - Timer 2 Control Register (C8h)
Reset Value = 0000 0000b
Bit addressable
7
6
5
4
3
2
1
0
TF2
EXF2
RCLK
TCLK
EXEN2
TR2
C/T2#
CP/RL2#
Bit
Number
Bit
Mnemonic
Description
7
TF2
Timer 2 overflow Flag
Must be cleared by software.
Set by hardware on timer 2 overflow, if RCLK = 0 and TCLK = 0.
6
EXF2
Timer 2 External Flag
Set when a capture or a reload is caused by a negative transition on T2EX pin if EXEN2=1.
When set, causes the CPU to vector to timer 2 interrupt routine when timer 2 interrupt is enabled.
Must be cleared by software. EXF2 doesn’t cause an interrupt in Up/down counter mode (DCEN = 1)
5
RCLK
Receive Clock bit
Clear to use timer 1 overflow as receive clock for serial port in mode 1 or 3.
Set to use timer 2 overflow as receive clock for serial port in mode 1 or 3.
4
TCLK
Transmit Clock bit
Clear to use timer 1 overflow as transmit clock for serial port in mode 1 or 3.
Set to use timer 2 overflow as transmit clock for serial port in mode 1 or 3.
3
EXEN2
Timer 2 External Enable bit
Clear to ignore events on T2EX pin for timer 2 operation.
Set to cause a capture or reload when a negative transition on T2EX pin is detected, if timer 2 is not used to
clock the serial port.
2
TR2
Timer 2 Run control bit
Clear to turn off timer 2.
Set to turn on timer 2.
1
C/T2#
Timer/Counter 2 select bit
Clear for timer operation (input from internal clock system: FOSC).
Set for counter operation (input from T2 input pin, falling edge trigger). Must be 0 for clock out mode.
0
CP/RL2#
Timer 2 Capture/Reload bit
If RCLK=1 or TCLK=1, CP/RL2# is ignored and timer is forced to auto-reload on timer 2 overflow.
Clear to auto-reload on timer 2 overflows or negative transitions on T2EX pin if EXEN2=1.
Set to capture on negative transitions on T2EX pin if EXEN2=1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com