Electronic Components Datasheet Search
  English  ▼

X  

TS80C32X2-LCKB Datasheet(PDF) 35 Page - TEMIC Semiconductors

Part # TS80C32X2-LCKB
Description  8-bit CMOS Microcontroller 0-60 MHz
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TS80C32X2-LCKB Datasheet(HTML) 35 Page - TEMIC Semiconductors

Back Button TS80C32X2-LCKB Datasheet HTML 31Page - TEMIC Semiconductors TS80C32X2-LCKB Datasheet HTML 32Page - TEMIC Semiconductors TS80C32X2-LCKB Datasheet HTML 33Page - TEMIC Semiconductors TS80C32X2-LCKB Datasheet HTML 34Page - TEMIC Semiconductors TS80C32X2-LCKB Datasheet HTML 35Page - TEMIC Semiconductors TS80C32X2-LCKB Datasheet HTML 36Page - TEMIC Semiconductors TS80C32X2-LCKB Datasheet HTML 37Page - TEMIC Semiconductors TS80C32X2-LCKB Datasheet HTML 38Page - TEMIC Semiconductors TS80C32X2-LCKB Datasheet HTML 39Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
Rev. B - Jan. 25, 1999
35
Preliminary
TS80C52X2
8.2.3 Signature bytes
The TS80/87C52X2 contains 4 factory programmed signatures bytes. To read these bytes, perform the process
described in section 9.
8.3 EPROM Programming
8.3.1 Set-up modes
In order to program and verify the EPROM or to read the signature bytes, the TS87C52X2 is placed in specific
set-up modes (See Figure 11.).
Control and program signals must be held at the levels indicated in Table 33.
8.3.2 Definition of terms
Address Lines:P1.0-P1.7, P2.0-P2.4, P3.4, P3.5 respectively for A0-A12
Data Lines:P0.0-P0.7 for D0-D7
Control Signals:RST, PSEN, P2.6, P2.7, P3.3, P3.6, P3.7.
Program Signals:ALE/PROG, EA/VPP.
Table 20. EPROM Set-Up Modes
Mode
RST
PSEN
ALE/
PROG
EA/
VPP
P2.6
P2.7
P3.3
P3.6
P3.7
Program Code data
1
0
12.75V
0
1
1
1
1
Verify Code data
1
0
1
1
0
0
1
1
Program Encryption Array
Address 0-3Fh
1
0
12.75V
0
1
1
0
1
Read Signature Bytes
1
0
1
1
0
0
0
0
Program Lock bit 1
1
0
12.75V
1
1
1
1
1
Program Lock bit 2
1
0
12.75V
1
1
1
0
0
Program Lock bit 3
1
0
12.75V
1
0
1
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com