Electronic Components Datasheet Search
  English  ▼

X  

BXB100 Datasheet(PDF) 1 Page - Emerson Network Power

Part # BXB100
Description  Industry standard footprint
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

BXB100 Datasheet(HTML) 1 Page - Emerson Network Power

  BXB100 Datasheet HTML 1Page - Emerson Network Power BXB100 Datasheet HTML 2Page - Emerson Network Power BXB100 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
BXB100 Series
Single output
Special Features
• Industrystandardfootprint
• Highpowerdensity
(36.5 W/in3)
• MTBF>1.4millionhours
(Bellcore 332)
• InputvoltagetoETS300-132-2
• Adjustableoutputvoltage
• Nominimumloadrequired
• Separatecasegroundpin
• Undervoltagelockout(UVLO)
• UL,VDEandCSAsafety
approvals
•2yearwarranty
Total Power:
66-100W
Input Voltage: 18-36V
36-75V
# of Outputs:
Single
Safety
VDE0805/EN60950/IEC950
UL1950
CSAC22.2No.950
Rev.10.16.08_121
BXB100 Series
1 of 3
Output
Voltageadjustability:
60%to110%
Setpointaccuracy:
±1.0%
Lineregulation:
Lowlinetohighline
±0.05%
Loadregulation:
Full load to min. load
±0.10%
Minimumload:
0%
Overshoot:
Atturnonandturn-off
None
Undershoot:
None
Rippleandnoise:
5Hz-20MHz(seenote1)
3.3Vand5V
75mVpk-pk,
20mVrms
12Vand15V
100mVpk-pk,
30mVrms
ElectricalSpecifications
Input
Inputvoltagerange:
24Vinnominal
18-36Vdc
48Vinnominal
36-75Vdc
Inputcurrent:
Noload
100mAmax.
RemoteOFF
20mAmax.
Inputcurrent(max.):
(Seenote4)
48Vmodels
4Amax.@lomax.
andVin=0to75V
Inputreflectedripple:
(Seenote6)
5mApk-pk
ActivelowremoteON/OFF:
Logiccompatiblity:
ON:
OFF:
(See note 7)
Opencollectorrefto-input
1.2Vdcmax.
Opencircuit
Undervoltagelockout:
24Vin:power-up
17V
24Vin:power-down
16V
48Vin:power-up
34V
48Vin:power-down
32.5V
Start-uptime:
(seenote8)
Powerup
20ms
RemoteON/OFF
20ms


Similar Part No. - BXB100

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
BXB100 ARTESYN-BXB100 Datasheet
74Kb / 3P
66-100W Wide Input DC/DC Converters
BXB100-24S12FLT ARTESYN-BXB100-24S12FLT Datasheet
74Kb / 3P
66-100W Wide Input DC/DC Converters
BXB100-24S12FLTJ ARTESYN-BXB100-24S12FLTJ Datasheet
613Kb / 3P
Total Power: 66 - 100 W
BXB100-24S3V3FLT ARTESYN-BXB100-24S3V3FLT Datasheet
74Kb / 3P
66-100W Wide Input DC/DC Converters
BXB100-48S05FLT ARTESYN-BXB100-48S05FLT Datasheet
74Kb / 3P
66-100W Wide Input DC/DC Converters
More results

Similar Description - BXB100

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
V48SH1R050NNFA DELTA-V48SH1R050NNFA Datasheet
984Kb / 16P
Industry standard footprint and pinout
logo
MMD Components
MVAH5 MMD-MVAH5 Datasheet
88Kb / 2P
Industry Standard Footprint
logo
Vishay Siliconix
VOM452 VISHAY-VOM452 Datasheet
143Kb / 9P
Industry standard SOP-5 footprint
31-May-16
logo
Delta Electronics, Inc.
E36SC3R3 DELTA-E36SC3R3 Datasheet
587Kb / 15P
Industry standard footprint and pinout
V48SC12007 DELTA-V48SC12007 Datasheet
1Mb / 17P
Industry standard footprint and pinout
V48SH3R325 DELTA-V48SH3R325 Datasheet
756Kb / 13P
Industry standard footprint and pinout
V48SH05017 DELTA-V48SH05017 Datasheet
798Kb / 14P
Industry standard footprint and pinout
V48SR1R225 DELTA-V48SR1R225 Datasheet
528Kb / 14P
Industry standard footprint and pinout
logo
Bel Fuse Inc.
YM05S05 BEL-YM05S05 Datasheet
728Kb / 19P
Industry-standard footprint and pinout
YM12S05 BEL-YM12S05 Datasheet
704Kb / 19P
Industry-standard footprint and pinout
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com