Electronic Components Datasheet Search
  English  ▼

X  

BXB100 Datasheet(PDF) 3 Page - Emerson Network Power

Part # BXB100
Description  Industry standard footprint
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

BXB100 Datasheet(HTML) 3 Page - Emerson Network Power

  BXB100 Datasheet HTML 1Page - Emerson Network Power BXB100 Datasheet HTML 2Page - Emerson Network Power BXB100 Datasheet HTML 3Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
313
process
yellow
3405
1797
1375
116
2607
652
242
2985
375
240
Embedded Power for
Business-Critical Continuity
Rev.10.16.08_121
BXB100 Series
3 of 3
ALL DIMENSIONS IN INCHES (mm)
Tolerance : x.xx 0.02in. (0.51mm)
x.xxx 0.010in. (0.254mm)
VIEW SHOWN
PIN SIDE UP
1.90
(48.26)
0.190 (4.83) 0.010 (0.25)
2 x Ø.080 (2.03) 0.002 (0.05)
4 x M3 x 0.5 Through
7 x Ø.040 (1.02) 0.002 (0.05)
2.28 (57.91) Max.
0.700 (17.77)
1.000 (25.40)
1.400 (35.56)
2.000 (50.80)
0.190 (4.83) 0.010 (0.25)
0.400 (10.16)
0.500 (12.69) 0.010 (0.25)
0.400 (10.16)
1.000 (25.40)
1.400 (35.56)
0.200 (5.08) Min.
Length for all Input
and Output Pins
0.500 (12.70)
2.40 (60.96)
Max.
ExternalOutputTrimming
Outputcanbeexternallytrimmed
byusingthemethodshown.
10K
TRIMPOT
TRIM
UP
TRIM
DOWN
8
7
6
8
7
6
RT1
OR
RT2
OrderingInformation
Output
Power
(Max.)
Input
Voltage
OVP
Output
Voltage
Output
Current
(Min.)
Output
Current
(Max.)
Efficiency
(Typ.)
Regulation
Model Number
Line
Load
100W
18-36Vdc
14.5Vdc
12V
0A
8.33A
85%
±0.05%
±0.1%
BXB100-24S12FLTJ
100W
36-75Vdc
6.5Vdc
5V
0A
20A
83%
±0.05%
±0.1%
BXB100-48S05FLTJ
100W
36-75Vdc
14.5Vdc
12V
0A
8.33A
86%
±0.05%
±0.1%
BXB100-48S12FLTJ
Pin Connections
PinNumber Function
1
+Vin
2
RemoteON/OFF
3
Case
4
-Vin
5
-Vout
6
-Sense
7
Trim
8
+Sense
9
+Vout
MechanicalDrawing
Notes
1 Measuredwith10µFtantalumcapacitorand1µFceramiccapacitor
across output.
2 di/dt=0.1A/1µs,Vin=48Vdc,Tc=25°C,loadchange=0.5lomax.to
0.75lomax.and0.75Iomax.to0.5Iomax.
3 Unitsshouldbecharacterisedwithinsystems.Externalcomponents
required.
4 Inputfusingisrecommendedbasedonsurgecurrentandmaximum
input current.
5 Thisproductisonlyforinclusionbyprofessionalinstallerswithinother
equipmentandmustnotbeoperatedasastandaloneproduct.
6 Simulatedsourceimpedanceof12µH.12
µHinductorinserieswith
+Vin.
7 Activehighremoteon/offoptionisavailable(standardproductisactive
low),designatewiththesuffix‘FHT’e.g.BXB100-48S05FHTJ. Consult
factoryforfurtherdetailsandoptions.
8 Start-upintoresistiveload.
9 “J”suffixdesignationforRoHS6/6.
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
WaterfrontBusinessPark
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.powerconversion.com
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
information or for any errors or omissions.
EmersonNetworkPower.com
Embedded Computing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
Precision Cooling
Racks&IntegratedCabinets
Services
Surge Protection
Emerson Network Power.
Thegloballeaderinenabling
business-critical continuity.
ACPower
Connectivity
DCPower
EmersonNetworkPowerandtheEmerson
NetworkPowerlogoaretrademarksand
servicemarksofEmersonElectricCo.
©2008EmersonElectricCo.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com