Electronic Components Datasheet Search
  English  ▼

X  

DA12-M Datasheet(PDF) 1 Page - Emerson Network Power

Part # DA12-M
Description  Medical and ITE Safeties
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DA12-M Datasheet(HTML) 1 Page - Emerson Network Power

  DA12-M Datasheet HTML 1Page - Emerson Network Power DA12-M Datasheet HTML 2Page - Emerson Network Power DA12-M Datasheet HTML 3Page - Emerson Network Power DA12-M Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. 08.19.08_j105
DA12-M Series
1 of 4
Embedded Power for
Business-Critical Continuity
DA12-M Series
12 Watts
Special Features
•MedicalandITESafeties
•Switchingwallmount
power supply
•Availableinmultipleacplug
configurations
•CEMarkEMC&LVD
•UniversalACinput
•Fullyregulatedoutput
•Overloadandshortcircuit
protection
•Thermalprotection
•EnergyStarandCeCapprov-
als
•Constantvoltage
•Highefficiency
•HighMTBF
•BuiltinEMIfilter
(CISPR22ClassB)
Total Power:
12 Watts
Input Voltage:
90-264Vac
# of Outputs:
Single
Electrical Specifications
Safety
Input
Inputrange:
90-264Vac(widerange)
Frequency:
47-63Hz
Inrushcurrent:
28A@264Vac
Inputcurrent:
0.25Arms@120Vac;0.15A@240Vac
Efficiency:
75%@fullloadtypical,@120Vac
EMI/RFI:
FCCPart15,SubpartBClassB&EN55022
(CISPR22)ClassB
Safetyground
leakagecurrent:
100 µA@50/60Hz,264Vacinput
Output
Voltage(Vo):
12.0V
Voltageregulation:
±5%@constantvoltagemode
MaximumPower(Po):
12 W
Hold-uptime:
10ms.typicalatfullload@230Vac
Overvoltageprotection:
Non-latchingtype
Overloadprotection:
Outputshortcircuitprotectionautorecover
Overloadprotected@150%abovemaximumrating
Overtemperature
protection:
Autorecovery
Outputcable/connector
barrelpolarity:
DCcablewith2.5mmx5.5mmbarrelplug
DCplugcenter+v
DCplugouter-v
UL
60950,60601-1
cUL
60950,60601-1
TUV
60950-1,60601-1
AS/NZS 60950-1,60601-1
CB
Certificate and report
CE
EMC&LVD
Preliminary
RoHS


Similar Part No. - DA12-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DA12-M ARTESYN-DA12-M Datasheet
2Mb / 6P
Medical and ITE Safeties
logo
Emerson Network Power
DA12-M EMERSON-NETWORKPOWER-DA12-M_09 Datasheet
603Kb / 4P
Medical and ITE Safeties
More results

Similar Description - DA12-M

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
LPS100-M EMERSON-NETWORKPOWER-LPS100-M Datasheet
618Kb / 3P
Medical and ITE safeties
LPS200-M EMERSON-NETWORKPOWER-LPS200-M Datasheet
757Kb / 3P
Medical and ITE safeties
LPS200-M EMERSON-NETWORKPOWER-LPS200-M_09 Datasheet
791Kb / 3P
Medical and ITE safeties
DA12-M EMERSON-NETWORKPOWER-DA12-M_09 Datasheet
603Kb / 4P
Medical and ITE Safeties
LPS202-M EMERSON-NETWORKPOWER-LPS202-M Datasheet
517Kb / 3P
Medical and ITE safeties
LPS100-M EMERSON-NETWORKPOWER-LPS100-M_09 Datasheet
643Kb / 3P
150 Watts Medical and ITE safeties
LPS200-M_0907 EMERSON-NETWORKPOWER-LPS200-M_0907 Datasheet
517Kb / 3P
250 Watts Medical and ITE safeties
logo
Artesyn Technologies
DA12-M ARTESYN-DA12-M Datasheet
2Mb / 6P
Medical and ITE Safeties
DP40 ARTESYN-DP40 Datasheet
516Kb / 2P
Medical and ITE safeties
LPQ200-M ARTESYN-LPQ200-M Datasheet
1Mb / 3P
Medical and ITE safeties
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com