Electronic Components Datasheet Search
  English  ▼

X  

DA12-M Datasheet(PDF) 2 Page - Emerson Network Power

Part # DA12-M
Description  Medical and ITE Safeties
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DA12-M Datasheet(HTML) 2 Page - Emerson Network Power

  DA12-M Datasheet HTML 1Page - Emerson Network Power DA12-M Datasheet HTML 2Page - Emerson Network Power DA12-M Datasheet HTML 3Page - Emerson Network Power DA12-M Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 08.19.08_j105
DA12-M Series
2 of 4
Embedded Power for
Business-Critical Continuity
OrderingInformation
Model
Number
Maximum
Power
Output
Voltage
Minimum
Load
Maximum
Load
Regulation2
Ripple
P/P(PARD)3
DA12-120US-M
12 W
12.0V
0.2A
1.0
± 3%
200mV
DA12-120EU-M
12 W
12.0V
0.2A
1.0
± 3%
200mV
DA12-120UK-M
12 W
12.0V
0.2A
1.0
± 3%
200mV
DA12-120AU-M
12 W
12.0V
0.2A
1.0
± 3%
200mV
1. Peakcurrentlasting<30secondswithamaximum10%dutycycle.
2. At25°Cincludinginitialtolerance,linevoltage,loadcurrentsandoutputvoltagesadjustedtofactorysettings.
3. Peak-to-peakwith20mHzbandwidthand10µFinparallelwitha0.1µFcapacitoratratedlinevoltageandloadranges.
4­. Minimumloadsarerequired.
MechanicalDrawings
DA1212-XXXUS-M
Operatingtemperature: 0°to+40°Cambient
Storagetemperature:
-40°Cto+85°C
Electromagnetic
susceptibility:
DesignedtomeetEN55024
Humidity:
Operating;non-condensing5%to95%RH
Vibration:
Frequency/PSD:5-350Hz
0.0001g2/Hz
350-500Hz-6dB/Oct.
500Hz
0.00005g2/Hz
Acceleration:
0.21gRMS
Duration:
20minpersecond
EnvironmentalSpecifications
U.S.2-prong
US
Europe2-prong
EU
UnitedKingdom3-prong
UK
Australia2-prong
AU
ACPlugConfiguration
2.36”
(60)
CONNECTOR PIN-OUT DETAIL
(-)
(+)
59”
(1500)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com