Electronic Components Datasheet Search
  English  ▼

X  

SDA20 Datasheet(PDF) 2 Page - Bedford Opto Technology Ltd.

Part # SDA20
Description  Optically Coupled Module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOT [Bedford Opto Technology Ltd.]
Direct Link  http://www.bot.co.uk
Logo BOT - Bedford Opto Technology Ltd.

SDA20 Datasheet(HTML) 2 Page - Bedford Opto Technology Ltd.

  SDA20 Datasheet HTML 1Page - Bedford Opto Technology Ltd. SDA20 Datasheet HTML 2Page - Bedford Opto Technology Ltd. SDA20 Datasheet HTML 3Page - Bedford Opto Technology Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
NOTES
1
RMS flux is recommended
2
Ee (ADT) is measured using a 0787mm diam apertured sensor
place 12.7mm from the measuring surface.
3 Light source is an unfiltered Tungston bulb operating @ 2870 K
Colour Temperature or equivalent I.R. source.
BEDFORD OPTO TECHNOLOGY LTD
1,BIGGAR BUSINESS PARK, BIGGAR,LANARKSHIRE, ML12 6FX
Tel: +44 (0) 1899 221221 Fax: +44 (0) 1899 221009
Website: bot.co.uk E-mail: bill@bot.co.uk
ABSOLUTE MAXIMUM RATINGS (25
oC unless otherwise noted)
PHOTOTRANSISTOR
COLLECTOR-EMITTER VOLTAGE
25V
EMITTER-COLLECTOR VOLTAGE
5V
STORAGE TEMP RANGE
-65 oC to +150oC
OPERATING TEMP RANGE
-65oC to +125oC
SOLDERING TEMPERATURE (5 sec)
260oC
POWER DISSIPATION
50mW
LINEAR DERATING ABOVE 25oC
0.5mW/oC
CONTINUOUS COLLECT CURRENT
50mA
REVERSE VOLTAGE
2.0V
CONTINUOUS FORWARD CURRENT
100mA
PEAK FORWARD CURRENT (2u Secs Tp 0.1%
Duty Cycle)
1.0A
STORAGE TEMPRANGE
-65oC to +150oC
OPERATING TEMP RANGE
-65oC to +125oC
SOLDERING TEMPATURE (5sec)
260oC
POWER DISSIPATION
150mW
LINEAR DERATING ABOVE 25oC
1.5mW/oC
I.R. EMITTER
SDA 20 SERIES
6.2.00 ISS A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com